Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 8 Page - Texas Instruments

Part # HD3SS3220RNHT
Description  HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 10Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 11Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL
Differential return loss
f = 0.3Mhz
–27
dB
f = 2.5Ghz
–9
f = 5Ghz
–9
OIRR
Differential OFF isolation
f = 0.3Mhz
–79
dB
f = 2.5Ghz
–23
f = 5Ghz
–20
XTALK
Differential Cross Talk
f = 0.3Mhz
–89
dB
f = 2.5Ghz
–34
f = 5Ghz
–30
RON
On resistance
8
Ω
(1)
When using 3.3V for I2C, customer must ensure VDD5 is above 3V at all times.
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C (SDA, SCL)
tSU:DAT
Data setup time
100
ns
tHD:DAT
Data setup time
10
ns
tSU;STA
Set-up time, SCL to start condition
0.6
µs
tHD,STA
Hold time,(repeated) start condition to SCL
0.6
µs
tSU:STO
Set up time for STOP condition
0.6
µs
tVD;DAT
Data valid time
0.9
µs
tVD;ACK
Data valid acknowledge time
0.9
µs
tBUF
Bus free time between a STOP and START condition
1.3
µs
fSCL
SCL clock frequency; I2C mode for local I2C control
400
ns
tr
Rise time of both SDA and SCL signals
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
CBUS_100KHZ Total capacitive load for each bus line when operating at ≤ 100KHz
400
pF
CBUS_400KHZ Total capacitive load for each bus line when operating at 400KHz.
100
pF
SS MUX
tPD
Switch propagation delay See Figure 5-3
80
ps
tSW_ON
Switching time DIR-to-Switch ON See Figure 5-2
0.5
µs
tSW_OFF
Switching time DIR-to-Switch OFF See Figure 5-2
0.5
µs
tSK_INTRA
Intra-pair output skew See Figure 5-3
5
ps
tSK_INTER
Inter-pair output skew See Figure 5-3
20
ps
Power-On Timings
tENnCC_HI
ENn_CC high after both VDD5 and VCC33 supplies are stable. Refer to
Figure 6-3.
2
ms
tVDD5V_PG
VDD5 stable before VCC33. Refer to Figure 6-2.
2
ms
HD3SS3220, HD3SS3220L
SLLSES1E – DECEMBER 2015 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: HD3SS3220 HD3SS3220L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com