Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 11Page - Texas Instruments REF2925 Datasheet HTML 12Page - Texas Instruments REF2925 Datasheet HTML 13Page - Texas Instruments REF2925 Datasheet HTML 14Page - Texas Instruments REF2925 Datasheet HTML 15Page - Texas Instruments REF2925 Datasheet HTML 16Page - Texas Instruments REF2925 Datasheet HTML 17Page - Texas Instruments REF2925 Datasheet HTML 18Page - Texas Instruments REF2925 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
110
112
114
116
118
120
122
124
126
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C01
f
IN = 1 kHz
94
95
96
97
98
99
100
101
102
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C01
f
IN = 1 kHz
14
14.5
15
15.5
16
16.5
17
17.5
18
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C01
f
IN = 1 kHz
-125
-123
-121
-119
-117
-115
-113
-111
-109
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C01
f
IN = 1 kHz
94
95
96
97
98
99
100
101
102
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C01
f
IN = 1 kHz
94
95
96
97
98
99
100
101
102
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C01
f
IN = 1 kHz
15
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 16. SNR vs Reference Voltage
Figure 17. SINAD vs Reference Voltage
Figure 18. ENOB vs Reference Voltage
Figure 19. THD vs Reference Voltage
Figure 20. SFDR vs Reference Voltage
Figure 21. SNR vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com