Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 44 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 44 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 40Page - Texas Instruments REF2925 Datasheet HTML 41Page - Texas Instruments REF2925 Datasheet HTML 42Page - Texas Instruments REF2925 Datasheet HTML 43Page - Texas Instruments REF2925 Datasheet HTML 44Page - Texas Instruments REF2925 Datasheet HTML 45Page - Texas Instruments REF2925 Datasheet HTML 46Page - Texas Instruments REF2925 Datasheet HTML 47Page - Texas Instruments REF2925 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
-23 -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 -12 -11
Code
C004
44
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
The input driver circuit uses extremely low-power, dual amplifiers (such as the OPA2333) with a maximum
quiescent current of 28 µA per channel to drive the ADC inputs. The input amplifiers are configured in a modified
unity-gain buffer configuration. The filter capacitor at the ADC inputs attenuates the sampling charge-injection
noise from the ADC but effects the stability of the input amplifiers by degrading the phase margin. This
attenuation requires a series isolation resistor to maintain amplifier stability. The value of the series resistor is
directly proportional to the open-loop output impedance of the driving amplifier to maintain stability, which is high
(in the order of kΩ) in the case of low-power amplifiers such as the OPA333. Therefore, a high value of 1 kΩ is
selected for the series resistor at the ADC inputs. However, this series resistor creates an additional voltage drop
in the signal path, thereby leading to linearity and distortion issues. The dual-feedback configuration used in
Figure 72 corrects for this additional voltage drop and maintains system performance at ultralow-power
consumption.
11.2.4.3 Application Curve
Vdiff close to 0 V, 32768 data points, standard deviation = 1.7 bits,
ENOB (dc) = 16.3 bits
Figure 73. DC Input Histogram
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, see 18-Bit, 10kSPS Data Acquisition (DAQ) Block Optimized for Ultra Low Power < 1mW (SLAU514).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com