Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 22 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 18Page - Texas Instruments REF2925 Datasheet HTML 19Page - Texas Instruments REF2925 Datasheet HTML 20Page - Texas Instruments REF2925 Datasheet HTML 21Page - Texas Instruments REF2925 Datasheet HTML 22Page - Texas Instruments REF2925 Datasheet HTML 23Page - Texas Instruments REF2925 Datasheet HTML 24Page - Texas Instruments REF2925 Datasheet HTML 25Page - Texas Instruments REF2925 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
AINP
AINN
4 pF
4 pF
96
96
55 pF
55 pF
REF
GND
GND
Device in Hold Mode
REF
AINP
AINM
2
+
±
Binary
Search
Algorithm
(SAR)
I
N
T
E
R
F
A
C
E
+
±
Common Mode Voltage
Detection and Rejection
Block
22
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Feature Description (continued)
Most differential input SAR ADCs prohibit the input common-mode voltage, VCM (that is, the average voltage
between the inputs), at AINP or AINM from varying more than approximately 10% beyond the mid-scale input
value. As shown in Figure 46, the device has a unique common-mode voltage detection and rejection block that
does not have this restriction and thus allows VCM to be set to any value between 0 V and VREF without
degrading device performance.
Figure 46. Conceptual Diagram: True Differential Input Structure
Table 1 shows the full-scale input range of the device as a function of input common-mode voltage. The device
offers a maximum dynamic range for VCM = VREF / 2. The differential input with wide common-mode range allows
connecting differential signals from sensors without any signal conditioning.
Table 1. Full-Scale Input Range
VCM
ABSOLUTE INPUT RANGE
FULL SCALE INPUT RANGE (VFS)
VAINP
VAINN
VCM < VREF / 2
0 to 2 × VCM
0 to 2 × VCM
(–2 × VCM) to (2 × VCM)
VCM = VREF / 2
0 to VREF
0 to VREF
(–VREF) to (VREF)
VCM > VREF / 2
(2 × VCM – VREF) to VREF
(2 × VCM – VREF) to VREF
[–2 × (VCM – VREF)] to [2 × (VCM – VREF)]
Figure 47 shows an equivalent circuit of the input sampling stage. The sampling switch is represented by a 96-Ω
resistance in series with the ideal switch; see the ADC Input Driver section for more details on the recommended
driving circuits.
Figure 47. Input Sampling Stage Equivalent Circuit
Figure 45 and Figure 47 illustrate electrostatic discharge (ESD) protection diodes to REF and GND from both
analog inputs. Make sure that these diodes do not turn on by keeping the analog inputs within the specified
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com