Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 2Page - Texas Instruments REF2925 Datasheet HTML 3Page - Texas Instruments REF2925 Datasheet HTML 4Page - Texas Instruments REF2925 Datasheet HTML 5Page - Texas Instruments REF2925 Datasheet HTML 6Page - Texas Instruments REF2925 Datasheet HTML 7Page - Texas Instruments REF2925 Datasheet HTML 8Page - Texas Instruments REF2925 Datasheet HTML 9Page - Texas Instruments REF2925 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
Thermal
PAD
1
2
3
4
5
10
9
8
7
6
REF
AVDD
AINP
AINN
GND
CONVST
DOUT
SCLK
DIN
DVDD
6
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
7 Pin Configurations and Functions
DGS Package
VSSOP-10
Top View, Not to Scale
DRC Package
VSON-10
Top View, Not to Scale
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AINN
4
Analog input
Inverting analog signal input
AINP
3
Analog input
Noninverting analog signal input
AVDD
2
Analog
Analog power supply. This pin must be decoupled to GND with a 1-μF capacitor.
CONVST
6
Digital input
Convert input. This pin also functions as the CS input in 3-wire interface mode; see the
Description and Timing Requirements sections for more details.
DIN
9
Digital input
Serial data input. The DIN level at the start of a conversion selects the mode of operation
(such as CS or daisy-chain mode). This pin also serves as the CS input in 4-wire interface
mode; see the Description and Timing Requirements sections for more details.
DOUT
7
Digital output
Serial data output
DVDD
10
Power supply
Digital interface power supply. This pin must be decoupled to GND with a 1-μF capacitor.
GND
5
Analog, digital
Device ground. Note that this pin is a common ground pin for both the analog power supply
(AVDD) and digital I/O supply (DVDD). The reference return line is also internally connected to
this pin.
REF
1
Analog
Positive reference input. This pin must be decoupled with a 10-μF or larger capacitor.
SCLK
8
Digital input
Clock input for serial interface. Data output (on DOUT) are synchronized with this clock.
Thermal
pad
—
Thermal pad
Exposed thermal pad (only for the DRC package option). Texas Instruments recommends
connecting the thermal pad to the printed circuit board (PCB) ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com