Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 16 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 12Page - Texas Instruments REF2925 Datasheet HTML 13Page - Texas Instruments REF2925 Datasheet HTML 14Page - Texas Instruments REF2925 Datasheet HTML 15Page - Texas Instruments REF2925 Datasheet HTML 16Page - Texas Instruments REF2925 Datasheet HTML 17Page - Texas Instruments REF2925 Datasheet HTML 18Page - Texas Instruments REF2925 Datasheet HTML 19Page - Texas Instruments REF2925 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
90
92
94
96
98
100
102
104
106
0
20
40
60
80
100
Input Frequency (kHz)
C02
93
94
95
96
97
98
99
100
101
0
20
40
60
80
100
Input Frequency (kHz)
C02
-125
-123
-121
-119
-117
-115
-113
-111
-109
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
110
112
114
116
118
120
122
124
126
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
94
95
96
97
98
99
100
101
102
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C01
f
IN = 1 kHz
14
14.5
15
15.5
16
16.5
17
17.5
18
-40
-15
10
35
60
85
Free-Air Temperature (oC)
C02
f
IN = 1 kHz
16
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 22. SINAD vs Temperature
Figure 23. ENOB vs Temperature
Figure 24. THD vs Temperature
Figure 25. SFDR vs Temperature
Figure 26. SNR vs Input Frequency
Figure 27. SINAD vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com