Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 41 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 41 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 37Page - Texas Instruments REF2925 Datasheet HTML 38Page - Texas Instruments REF2925 Datasheet HTML 39Page - Texas Instruments REF2925 Datasheet HTML 40Page - Texas Instruments REF2925 Datasheet HTML 41Page - Texas Instruments REF2925 Datasheet HTML 42Page - Texas Instruments REF2925 Datasheet HTML 43Page - Texas Instruments REF2925 Datasheet HTML 44Page - Texas Instruments REF2925 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
41
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
11.2.3.1 Design Requirements
Design an application circuit optimized for using the ADS8881 to achieve
•
> 98.5-dB SNR, < –110-dB THD and
•
± 1.5-LSB linearity and
•
maximum specified throughput of 1 MSPS
11.2.3.2 Detailed Design Procedure
The application circuits are shown in Figure 69 and Figure 70. In both applications, the input signal is processed
through a high-bandwidth, low-distortion, fully-differential amplifier (FDA) designed in an inverting gain
configuration and a low-pass RC filter before being fed into the ADC.
The reference driver circuit, shown in Figure 69 and Figure 70, generates a voltage of 4.5 V dc using a single 5-
V supply. This circuit is suitable to drive the reference of the ADS8881 at higher sampling rates up to 1 MSPS.
The reference voltage of 4.5 V in this design is generated by the high-precision, low-noise REF5045 circuit. The
output broadband noise of the reference is heavily filtered by a low-pass filter with a 3-dB cutoff frequency of 160
Hz.
The reference buffer is designed with the THS4281 and OPA333 in a composite architecture to achieve superior
dc and ac performance at a reduced power consumption, compared to using a single high-performance amplifier.
The THS4281 is a high-bandwidth amplifier with a very low output impedance of 1 Ω at a frequency of 1 MHz.
The low output impedance makes the THS4281 a good choice for driving a high capacitive load to regulate the
voltage at the reference input of the ADC. The high offset and drift specifications of the THS4281 are corrected
by using a dc-correcting amplifier (OPA333) inside the feedback loop. The composite scheme inherits the
extremely low offset and temperature drift specifications of the OPA333.
As a rule of thumb, the distortion from the input driver must be at least 10 dB less than the ADC distortion. The
distortion resulting from variation in the common-mode signal is eliminated by using the FDA in an inverting gain
configuration that establishes a fixed common-mode level for the circuit. This configuration also eliminates the
requirement of a rail-to-rail swing at the amplifier input. Therefore, these circuits use the low-power THS4521 as
an input driver that provides exceptional ac performance because of its extremely low-distortion and high-
bandwidth specifications.
In addition, the components of the antialiasing filter are such that the noise from the front-end circuit is kept low
without adding distortion to the input signal.
The circuit in Figure 69 shows a fully-differential DAQ block optimized for low distortion and noise using the
THS4521 and ADS8881. This front-end circuit configuration requires a differential signal at the input of the FDA
and provides a differential output to drive the ADC inputs. The common-mode voltage of the input signal provided
to the ADC is set by the VOCM pin of the THS4521 (not shown in Figure 69). To use the complete dynamic range
of the ADC, VOCM can be set to VREF / 2 by using a simple resistive divider. However, note that the ADS8881
allows the common-mode input voltage (VCM) to be set to any value in the range of 0 V to VREF.
The circuit in Figure 70 shows a single-ended to differential DAQ block optimized for low distortion and noise
using the THS4521 and the ADS8881. This front-end circuit configuration requires a single-ended ac signal at
the input of the FDA and provides a fully-differential output to drive the ADC inputs. The common-mode voltage
of the input signal provided to the ADC is set by the VOCM pin of the THS4521 (not shown in Figure 70). To use
the complete dynamic range of the ADC, VOCM can be set to VREF / 2 by using a simple resistive divider.
However, note that the ADS8881 allows the common-mode input voltage (VCM) to be set to any value in the
range of 0 V to VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com