Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 34 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 34 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 30Page - Texas Instruments REF2925 Datasheet HTML 31Page - Texas Instruments REF2925 Datasheet HTML 32Page - Texas Instruments REF2925 Datasheet HTML 33Page - Texas Instruments REF2925 Datasheet HTML 34Page - Texas Instruments REF2925 Datasheet HTML 35Page - Texas Instruments REF2925 Datasheet HTML 36Page - Texas Instruments REF2925 Datasheet HTML 37Page - Texas Instruments REF2925 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
dB
10
THD
THD
ADC
AMP
d
¸
¹
·
¨
©
§
u
u
d
u
S
u
¸¸
¸
¹
·
¨¨
¨
©
§
u
u
20
dB
SNR
REF
dB
3
2
RM S
_
n
2
PP
_
AM P
_
f
1
G
10
2
V
5
1
f
2
e
6
.
6
V
2
N
¸¸
¹
·
¨¨
©
§
u
u
u
t
FLT
FLT
FLT
C
R
R
Bandwidth
Gain
Unity
)
(
2
1
4
S
34
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Application Information (continued)
11.1.2.1 Input Amplifier Selection
Selection criteria for the input amplifiers is highly dependent on the input signal type as well as the performance
goals of the data acquisition system. Some key amplifier specifications to consider while selecting an appropriate
amplifier to drive the inputs of the ADC are:
•
Small-signal bandwidth. Select the small-signal bandwidth of the input amplifiers to be as high as possible
after meeting the power budget of the system. Higher bandwidth reduces the closed-loop output impedance
of the amplifier, thus allowing the amplifier to more easily drive the low cutoff frequency RC filter (see the
Antialiasing Filter section) at the inputs of the ADC. Higher bandwidth also minimizes the harmonic distortion
at higher input frequencies. In order to maintain the overall stability of the input driver circuit, select the
amplifier bandwidth as described in Equation 2:
(2)
•
Noise. Noise contribution of the front-end amplifiers must be as low as possible to prevent any degradation in
SNR performance of the system. As a rule of thumb, to ensure that the noise performance of the data
acquisition system is not limited by the front-end circuit, the total noise contribution from the front-end circuit
must be kept below 20% of the input-referred noise of the ADC. Noise from the input driver circuit is band-
limited by designing a low cutoff frequency RC filter, as explained in Equation 3.
where:
•
V1 / f_AMP_PP is the peak-to-peak flicker noise in µV,
•
en_RMS is the amplifier broadband noise density in nV/√Hz,
•
f–3dB is the 3-dB bandwidth of the RC filter, and
•
NG is the noise gain of the front-end circuit, which is equal to 1 in a buffer configuration.
(3)
•
Distortion. Both the ADC and the input driver introduce nonlinearity in a data acquisition block. As a rule of
thumb, to ensure that the distortion performance of the data acquisition system is not limited by the front-end
circuit, the distortion of the input driver must be at least 10 dB lower than the distortion of the ADC, as shown
in Equation 4.
(4)
•
Settling Time. For dc signals with fast transients that are common in a multiplexed application, the input signal
must settle within an 18-bit accuracy at the device inputs during the acquisition time window. This condition is
critical to maintain the overall linearity performance of the ADC. Typically, the amplifier data sheets specify
the output settling performance only up to 0.1% to 0.001%, which may not be sufficient for the desired 18-bit
accuracy. Therefore, always verify the settling behavior of the input driver by TINA™-SPICE simulations
before selecting the amplifier.
11.1.2.2 Antialiasing Filter
Converting analog-to-digital signals requires sampling an input signal at a constant rate. Any higher frequency
content in the input signal beyond half the sampling frequency is digitized and folded back into the low-frequency
spectrum. This process is called aliasing. Therefore, an analog, antialiasing filter must be used to remove the
harmonic content from the input signal before being sampled by the ADC. An antialiasing filter is designed as a
low-pass, RC filter, for which the 3-dB bandwidth is optimized based on specific application requirements. For dc
signals with fast transients (including multiplexed input signals), a high-bandwidth filter is designed to allow
accurately settling the signal at the inputs of the ADC during the small acquisition time window. For ac signals,
keep the filter bandwidth low to band-limit the noise fed into the input of the ADC, thereby increasing the signal-
to-noise ratio (SNR) of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com