Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 35 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 35 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 31Page - Texas Instruments REF2925 Datasheet HTML 32Page - Texas Instruments REF2925 Datasheet HTML 33Page - Texas Instruments REF2925 Datasheet HTML 34Page - Texas Instruments REF2925 Datasheet HTML 35Page - Texas Instruments REF2925 Datasheet HTML 36Page - Texas Instruments REF2925 Datasheet HTML 37Page - Texas Instruments REF2925 Datasheet HTML 38Page - Texas Instruments REF2925 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
RFLT ” 22
V
+
AINP
AINM
GND
Device
RFLT ” 22
CFLT • 590 pF
FLT
FLT
FLT
dB
3
C
R
R
2
1
f
u
u
S
35
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Application Information (continued)
Besides filtering the noise from the front-end drive circuitry, the RC filter also helps attenuate the sampling
charge injection from the switched-capacitor input stage of the ADC. A differential filter capacitor, CFLT, is
connected across the inputs of the ADC (as shown in Figure 64). This capacitor helps reduce the sampling
charge injection and provides a charge bucket to quickly charge the internal sample-and-hold capacitors during
the acquisition process. As a rule of thumb, the value of this capacitor must be at least 10 times the specified
value of the ADC sampling capacitance. For the ADS8881, the input sampling capacitance is equal to 59 pF,
thus the value of CFLT must be greater than 590 pF. The capacitor must be a COG- or NPO-type because these
capacitor types have a high-Q, low-temperature coefficient, and stable electrical characteristics under varying
voltages, frequency, and time.
Figure 64. Antialiasing Filter
Note that driving capacitive loads can degrade the phase margin of the input amplifiers, thus making the amplifier
marginally unstable. To avoid amplifier stability issues, series isolation resistors (RFLT) are used at the output of
the amplifiers. A higher value of RFLT is helpful from the amplifier stability perspective, but adds distortion as a
result of interactions with the nonlinear input impedance of the ADC. Distortion increases with source impedance,
input signal frequency, and input signal amplitude. Therefore, the selection of RFLT requires balancing the stability
and distortion of the design. For the ADS8881, TI recommends limiting the value of RFLT to a maximum of 22 Ω
in order to avoid any significant degradation in linearity performance. The tolerance of the selected resistors can
be chosen as 1% because the use of a differential capacitor at the input balances the effects resulting from any
resistor mismatch.
The input amplifier bandwidth must be much higher than the cutoff frequency of the antialiasing filter. TI strongly
recommends performing a SPICE simulation to confirm that the amplifier has more than 40° phase margin with
the selected filter. Simulation is critical because even with high-bandwidth amplifiers, some amplifiers might
require more bandwidth than others to drive similar filters. If an amplifier has less than a 40° phase margin with
22-Ω resistors, using a different amplifier with higher bandwidth or reducing the filter cutoff frequency with a
larger differential capacitor is advisable.
This section describes some common application circuits using the ADS8881. These data acquisition (DAQ)
blocks are optimized for specific input types and performance requirements of the system. For simplicity, power-
supply decoupling capacitors are not shown in these circuit diagrams; see the Power Supply section for
suggested guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com