Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 37 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 37 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 33Page - Texas Instruments REF2925 Datasheet HTML 34Page - Texas Instruments REF2925 Datasheet HTML 35Page - Texas Instruments REF2925 Datasheet HTML 36Page - Texas Instruments REF2925 Datasheet HTML 37Page - Texas Instruments REF2925 Datasheet HTML 38Page - Texas Instruments REF2925 Datasheet HTML 39Page - Texas Instruments REF2925 Datasheet HTML 40Page - Texas Instruments REF2925 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
±131072
131071
Code
C001
37
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Typical Applications (continued)
The reference buffer is designed with the THS4281 and OPA333 in a composite architecture to achieve superior
dc and ac performance at a reduced power consumption, compared to using a single high-performance amplifier.
The THS4281 is a high-bandwidth amplifier with a very low output impedance of 1 Ω at a frequency of 1 MHz.
The low output impedance makes the THS4281 a good choice for driving a high capacitive load to regulate the
voltage at the reference input of the ADC. The high offset and drift specifications of the THS4281 are corrected
by using a dc-correcting amplifier (OPA333) inside the feedback loop. The composite scheme inherits the
extremely low offset and temperature drift specifications of the OPA333.
For the input driving amplifiers, key specifications include rail-to-rail input and output swing, high bandwidth, high
slew rate, and fast settling time. The OPA350 CMOS amplifier meets all these specification requirements for this
circuit with a single-supply and low quiescent current. The component values of the antialiasing filter are selected
to meet the settling requirements of the system as well as to maintain the stability of the input driving amplifiers.
11.2.1.3 Application Curve
18-bit INL
Figure 66. Limited Point Linearity
For step-by-step design procedure, circuit schematics, bill of materials, PCB files, simulation results, and test
results, see 18-Bit Data Acquisition (DAQ) Block Optimized for 1-μs Full-Scale Step Response (TIDU012).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com