Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 25 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 21Page - Texas Instruments REF2925 Datasheet HTML 22Page - Texas Instruments REF2925 Datasheet HTML 23Page - Texas Instruments REF2925 Datasheet HTML 24Page - Texas Instruments REF2925 Datasheet HTML 25Page - Texas Instruments REF2925 Datasheet HTML 26Page - Texas Instruments REF2925 Datasheet HTML 27Page - Texas Instruments REF2925 Datasheet HTML 28Page - Texas Instruments REF2925 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
œœ
œœ
œœ
D17
D16
D1
D0
1
2
17
18
D2
D15
16
Acquiring
Sample N
Converting
Sample N
Conversion Result of Sample N Clocked-out
while Acquiring Sample N+1
End-of-Conversion
ADC
STATE
DOUT
SCLK
CONVST
3
1/fsample
tACQ
tconv-max
tconv-min
DIN = HIGH
CONVST = 1
CONVST
SCLK
DOUT
CNV
CLK
SDI
DIN
ADC
Digital Host
DVDD
25
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Device Functional Modes (continued)
10.4.1.1 3-Wire CS Mode Without a Busy Indicator
This interface option is most useful when a single ADC is connected to an SPI-compatible digital host. In this
interface option, DIN can be connected to DVDD and CONVST functions as CS (as shown in Figure 50). As
shown in Figure 51, a CONVST rising edge forces DOUT to 3-state, samples the input signal, and causes the
device to enter a conversion phase. Conversion is done with the internal clock and continues regardless of the
state of CONVST. As a result, CONVST (functioning as CS) can be pulled low after the start of the conversion to
select other devices on the board. However, CONVST must return high before the minimum conversion time
(tconv-min) elapses and is held high until the maximum possible conversion time (tconv-max) elapses. A high level on
CONVST at the end of the conversion ensures the device does not generate a busy indicator.
Figure 50. Connection Diagram: 3-Wire CS Mode Without a Busy Indicator (DIN = 1)
Figure 51. Interface Timing Diagram: 3-Wire CS Mode (DIN = 1)
When conversion is complete, the device enters an acquisition phase and powers down. CONVST (functioning
as CS) can be brought low after the maximum conversion time (tconv-max) elapses. On the CONVST falling edge,
DOUT comes out of 3-state and the device outputs the MSB of the data. The lower data bits are output on
subsequent SCLK falling edges. Fast sampling rates require high frequency SCLK and data must be read at
SCLK falling edges. For slow sampling rates and SCLK frequency
≤ 36 MHz, data can be read at either SCLK
falling or rising edges. Note that with any SCLK frequency, reading data at SCLK falling edge requires the digital
host to clock in the data during the th_CK_DO-min time frame. DOUT goes to 3-state after the 18th SCLK falling
edge or when CONVST goes high, whichever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com