Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 45 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 45 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 41Page - Texas Instruments REF2925 Datasheet HTML 42Page - Texas Instruments REF2925 Datasheet HTML 43Page - Texas Instruments REF2925 Datasheet HTML 44Page - Texas Instruments REF2925 Datasheet HTML 45Page - Texas Instruments REF2925 Datasheet HTML 46Page - Texas Instruments REF2925 Datasheet HTML 47Page - Texas Instruments REF2925 Datasheet HTML 48Page - Texas Instruments REF2925 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
tCONV
tACQ
tACQ
tCONV
tTHROUGHPUT
2 x tTHROUGHPUT
~50000X
IAVDD
Device Phase
~1200X
IREF
~2X
IAVG(AVDD+REF)
~50000X
~1200X
AVDD
AINP
AINN
GND
DIN
SCLK
DOUT
CONVST
REF
DVDD
1 µF
1 µF
Digital
Supply
Analog
Supply
45
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
12 Power-Supply Recommendations
The device has two separate power supplies: AVDD and DVDD. The internal circuits of the device operate on
AVDD; DVDD is used for the digital interface. AVDD and DVDD can be independently set to any value within the
permissible range.
12.1 Power-Supply Decoupling
Decouple the AVDD and DVDD pins with GND, using individual 1-µF decoupling capacitors placed in close
proximity to the pin, as shown in Figure 74.
Figure 74. Supply Decoupling
12.2 Power Saving
The device has an auto power-down feature that powers down the internal circuitry at the end of every
conversion. Referring to Figure 75, the input signal is acquired on the sampling capacitors when the device is in
a power-down state (tacq); at the same time, the result for the previous conversion is available for reading. The
device powers up on the start of the next conversion. During conversion phase (tconv), the device also consumes
current from the reference source (connected to the REF pin).
Figure 75. Power Scaling With Throughput



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com