Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 43 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 43 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 39Page - Texas Instruments REF2925 Datasheet HTML 40Page - Texas Instruments REF2925 Datasheet HTML 41Page - Texas Instruments REF2925 Datasheet HTML 42Page - Texas Instruments REF2925 Datasheet HTML 43Page - Texas Instruments REF2925 Datasheet HTML 44Page - Texas Instruments REF2925 Datasheet HTML 45Page - Texas Instruments REF2925 Datasheet HTML 46Page - Texas Instruments REF2925 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
1 k
4.7 nF
+
-
+
OPA333
10 nF
10 k
1 k
+
-
+
OPA333
10 nF
10 k
+
-
+
OPA313
1 µF
4.7
1 k
22 µF
10 k
1 µF
AVDD
AVDD
VCM
VIN+
VIN-
Input Driver
Reference Drive Circuit
Device running at 10 kSPS.
AVDD
AINP
AINM
REF
GND
AVDD
CONVST
CONVST
Device
AVDD
REF3325
(See Reference Datasheet
for Detailed Pin Configuration)
43
ADS8881
www.ti.com
SBAS547D – MAY 2013 – REVISED AUGUST 2015
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
11.2.4 Ultralow-Power DAQ Circuit at 10 kSPS
Figure 72. Ultralow-Power DAQ Circuit at 10 kSPS
11.2.4.1 Design Requirements
Portable and battery-powered applications require ultralow-power consumption and do not need very high
throughput from the ADC.
Design a single-supply, data acquisition circuit optimized for using the ADS8881 to achieve
•
ENOB > 16 bits and
•
Ultralow-power consumption of < 1 mW at throughput of 10 kSPS.
11.2.4.2 Detailed Design Procedure
The application circuit in Figure 72 shows the schematic of a complete reference driver circuit that generates a
voltage of 2.5 V dc using a single 3.3-V supply. This ultralow power reference block is suitable to drive the
ADS8881 for power-sensitive applications at a relatively lower throughput. This design uses the high-precision
REF3325 circuit that provides an accurate 2.5-V reference voltage at an extremely low quiescent current of 5 µA.
The output broadband noise of the reference is heavily filtered by a low-pass filter with a 3-dB cutoff frequency of
16 Hz.
The reference buffer is designed with the low-power OPA313 that can operate from a 3.3-V supply at an
extremely low quiescent current of 50 µA. The wideband noise contribution from the amplifier is limited by a
lowpass filter of a cutoff frequency equal to 1.5 kHz, formed by a 4.7-Ω resistor in combination with a 22-μF
capacitor. The 4.7-Ω series resistor creates an additional drop in the reference voltage that is corrected by a
dual-feedback configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com