Electronic Components Datasheet Search
  English  ▼

X  

REF2925 Datasheet(PDF) 48 Page - Texas Instruments

Part # REF2925
Description  ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF2925 Datasheet(HTML) 48 Page - Texas Instruments

Back Button REF2925 Datasheet HTML 44Page - Texas Instruments REF2925 Datasheet HTML 45Page - Texas Instruments REF2925 Datasheet HTML 46Page - Texas Instruments REF2925 Datasheet HTML 47Page - Texas Instruments REF2925 Datasheet HTML 48Page - Texas Instruments REF2925 Datasheet HTML 49Page - Texas Instruments REF2925 Datasheet HTML 50Page - Texas Instruments REF2925 Datasheet HTML 51Page - Texas Instruments REF2925 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
48
ADS8881
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Product Folder Links: ADS8881
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
14 Device and Documentation Support
14.1 Device Support
14.1.1 Development Support
•
Using SAR ADC TINA Models: Static behavior, power scaling
•
Using SAR ADC TINA Models: Much ado about settling
•
SAR ADC Response Times: Respond quickly, control quickly
•
Input Considerations for SAR ADCs
14.2 Documentation Support
14.2.1 Related Documentation
For related documentation see the following:
•
OPAx333 1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series Data Sheet (SBOS351)
•
THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier Data Sheet
(SBOS458)
•
THS4281 Very Low-Power, High-Speed, Rail-to-Rail Input and Output Voltage-Feedback Operational
Amplifier Data Sheet (SLOS432)
•
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS Operational Amplifier Precision Value Line Series Data
Sheet (SBOS649)
•
OPAx350 High-Speed, Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier Series Data Sheet
(SBOS099)
•
1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier Data Sheet (SBOS259)
•
18-Bit Data Acquisition (DAQ) Block Optimized for 1-μs Full-Scale Step Response TI Precision Design
(TIDU012)
•
18-Bit, 1-MSPS Data Acquisition (DAQ) Block Optimized for Lowest Power TI Precision Design (SLAU513)
•
18 bit, 10kSPS Data Acquisition (DAQ) Block Optimized for Ultra Low Power < 1 mW TI Precision Design
(SLAU514)
•
18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise TI Precision Design
(SLAU515)
•
Ultra Low Power, 18 bit Precision ECG Data Acquisition System TI Precision Design (SLAU516)
•
ADS8881 IBIS Model (SBAM172)
•
ADS8881 TINA-TI Reference Design (SBAM173)
•
ADS8881EVM-PDK User's Guide (SBAU211)
14.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
14.4 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com