Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 60 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 56Page - STMicroelectronics L9679E Datasheet HTML 57Page - STMicroelectronics L9679E Datasheet HTML 58Page - STMicroelectronics L9679E Datasheet HTML 59Page - STMicroelectronics L9679E Datasheet HTML 60Page - STMicroelectronics L9679E Datasheet HTML 61Page - STMicroelectronics L9679E Datasheet HTML 62Page - STMicroelectronics L9679E Datasheet HTML 63Page - STMicroelectronics L9679E Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
6.6
Remote sensor SPI tables
A summary of all the registers contained within the remote sensor SPI map is shown below and is referenced
throughout the specification they apply to. The SPI register tables also specify the effect of the internal reset
signals assertion on each bit field.
Note:
The symbol ‘-‘ is used to indicate that the register is not affected by the relevant reset signal.
6.6.1
Remote sensor SPI global status word
The remote sensor SPI contains an 11-bit word that returns global status information. The Global Status Word
(GSW) of the remote sensor SPI is the most significant 11 bits of MISO_RS data.
Table 10. GSW - Remote sensor SPI global status word
MISO_RS GSW
Name
POR WSM SSM
Description
31
10
SPIFLT
0
0
0
SPI Fault, set if previous SPI frame had wrong parity check or wrong number of bits,
cleared upon read
0: No fault
1: Fault
30
9
0
0
0
0
Unused
29
8
RSFLT
0
0
0
Remote sensor Interface Fault Present, logical OR of the corresponding FLTBIT bits in
RSDRx (bit 15) for all faults but NODATA
0: All the RSDRx-FLTBIT bits are 0
1: At least one of the RSDRx-FLTBIT bits is 1 and the associated fault code is different
from NODATA
28
7
0
0
0
0
Unused
27
6
0
0
0
0
Unused
26
5
0
0
0
0
Unused
25
4
0
0
0
0
Unused
24
3
0
0
0
0
Unused
23
2
0
0
0
0
Unused
22
1
0
0
0
0
Unused
21
0
ERR_RID
0
0
0
Read address received in the actual SPI frame is unused so data in the response is don't
care
0: No Error
1: Error
L9679E
SPI interface
DS12485 - Rev 8
page 60/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com