Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 80Page - STMicroelectronics L9679E Datasheet HTML 81Page - STMicroelectronics L9679E Datasheet HTML 82Page - STMicroelectronics L9679E Datasheet HTML 83Page - STMicroelectronics L9679E Datasheet HTML 84Page - STMicroelectronics L9679E Datasheet HTML 85Page - STMicroelectronics L9679E Datasheet HTML 86Page - STMicroelectronics L9679E Datasheet HTML 87Page - STMicroelectronics L9679E Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
Figure 23. Remote sensor synchronization pulses
GADG0903181545PS
SATFD4
SATFD3
SATFD2
SATFD1
SATSYNC
To guarantee sync pulse shaping and minimum sync pulse amplitude (Vt2) there are constraints on the minimum
delta voltage between VSYNC and VSAT supplies.
For VSYNC supply large enough (VSYNC ≥ VRSUbase + 4.8 V), the interface regulate the sync pulse (regulation
mode) and Vt2 amplitude is guaranteed.
For VSYNC supply lower, the sync pulse amplitude is limited by the drop across the FET RDSon so designer shall
consider a lower amplitude for it.
In case L9679E IC is supplied directly by the SB1 system chip, the worst case in terms of delta between VSYNC
and VSAT can be considered equal to 4.2 V. In this case the min Vt2 that the IC is able to guarantee is indicated
by parameter Vt2_low.
L9679E
Remote sensor interface
DS12485 - Rev 8
page 84/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com