Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 96Page - STMicroelectronics L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 127 page
background image
13.5
Reset
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
Table 24. Reset Specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
VIH_RESET
RESET high level input voltage
-
2
-
-
V
VIL_RESET
RESET low level input voltage
-
-
-
0.8
V
IPD_RESET
RESET pull down current
RESET = VCC
20
45
70
uA
TFLT_RESET_N
RESET deglitch filter time
-
26
30
34
µs
13.6
SPI interface
All electrical characteristics are valid for both Global and Remote Sensor SPI and for the following conditions
unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
VCCx(min) ≤ VCCx ≤ VCCx(max)
VCC = 3.3 V or 5 V
Table 25. Global and remote sensor SPI DC specifications
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
VIH_CS_G VIH_CS_RS
CS_x high level input voltage
-
2
-
-
V
VIL_CS_G VIL_CS_RS
CS_x low level input voltage
-
-
-
0.8
V
IPU_CS_G IPU_CS_RS
CS_x pull-up current
CS_x = 0 V
-70
-45
-20
µA
VIH_MOSI_G VIH_MOSI_RS
MOSI_x high level input voltage
-
2
-
-
V
VIL_MOSI_G VIL_MOSI_RS
MOSI_x low level input voltage
-
-
-
0.8
V
IPD_MOSI_G IPD_MOSI_RS
MOSI_x pull-down current
MOSI_x = VCC
20
45
70
µA
VIH_SCLK_G VIH_SCLK_RS
SCLK_x high level input voltage
-
2
-
-
V
VIL_SCLK_G VIL_SCLK_RS
SCLK_x low level input voltage
-
-
-
0.8
V
IPD_SCLK_G IPD_SCLK_RS
SCLK_x pull-down current
SCLK_x = VCC
20
45
70
µA
VOH_MISO_G VOH_MISO_RS
MISO_x high level output voltage
ILOAD = -800 µA
VCC-0.5
-
VCC
V
VOL_MISO_G VOL_MISO_RS
MISO_x Low level output voltage
ILOAD = 2.0 mA
-
-
0.4
V
ILKG_MISO_G ILKG_MISO_RS
MISO_x output leakage
Tri-state leakage
-10
-
10
µA
L9679E
Electrical characteristics
DS12485 - Rev 8
page 100/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com