Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 71Page - STMicroelectronics L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics L9679E Datasheet HTML 74Page - STMicroelectronics L9679E Datasheet HTML 75Page - STMicroelectronics L9679E Datasheet HTML 76Page - STMicroelectronics L9679E Datasheet HTML 77Page - STMicroelectronics L9679E Datasheet HTML 78Page - STMicroelectronics L9679E Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
Table 11. Short between loops diagnostics decoding
Fault condition on squib/
pyroswitch channel
Channel leakage diagnostics with
PD_CURR on (for other channels than the
one under test)
Channel leakage diagnostics with
PD_CURR off (for all channels)
No shorts
No fault
No fault
Short to battery
STB fault
STB fault
Short to ground
STG fault
STG fault
Short between Loops
STG fault
No fault
The condition of two open channels, i.e. without squib/pyroswitch resistance connecting SFx to SRx, that have a
short between loops on SFx cannot be detected. If only one of the two shorted SFx pins is open, the fault will be
indicated on the open channel.
Squib/Pyroswitch resistance measurement
During a resistance measurement, a two-step process is performed.
At the first step, both the ISRC current generator and the ISNK current limited switch are enabled and connected
to the selected SFx and SRx channel, through ISRC, ISRC_CURR_SEL, ISNK and RES_MEAS_CHSEL bit fields
in the Loop Diagnostic Request Register (LPDIAGREQ). The ISRC current can be configured to either 40 mA or 8
mA nominal value through the ISRC_CURR_SEL bit in the LPDIAGREQ register providing the user with two
different measurement range options. A differential voltage is created between the SFx and SRx pin based on the
ISRC current and squib/pyroswitch resistance between the pins. The SPI interface will provide the first resistance
measurement voltage (Vdiff1) based on the amplifying factor of the differential amplifier and a 10 bit internal ADC
conversion.
The second measurement step (bypass measurement) is performed redirecting ISRC to the selected SRx pin,
while keeping ISNK on; this way, the differential amplifier and following ADC will output the offset measurement
through SPI (Vdiff2). Microcontroller is then allowed to calculate the mathematical difference between first and
second measurements to obtain the real squib/pyroswitch resistance value.
Vdiff1=GRSQ× ISRC_*× RLKG_SF×RSQ
RLKG_SF+RSQ + RSQ
RLKG_SF+RSQ× VLKG_SF−VSRx_RM +Voff_RSQ
Vdiff2= GRSQ×RSQ
RLKG_SF+RSQ× VLKG_SF−VSRx_RM +Voff_RSQ
RSQ=Vdiff1−Vdiff2
GRSQ×IRSC_*      (assumingRLKG_SF⪢RSQ)
The simplification in the calculation method reported above can result in some amount of error that is already
incorporated in the overall tolerance of the squib/pyroswitch resistance measurement reported in the electrical
parameters table.
Values of each measurement step can be required addressing the proper ADCREQx code in the Diagnostic
Control command (DIAGCTRLx) on Table 14. Diagnostics control register (DIAGCTRLx).
This calculation is tolerant to leakages and, thanks to a dedicated EMI low-pass filter, also to high frequency
noises on squib/pyroswitch lines. Moreover, L9679E features a slew rate control on the ISRC current generator to
mitigate emissions.
The ISRC current generator is connected to VSYNC input pin. Special care shall be considered in programming
the duty cycle of the squib/pyroswitch measurements to keep the power dissipation under control, in the event
VSYNC line is supplied with high voltage.
High squib/pyroswitch resistance diagnostics
With this test, the device is able to understand if the squib/pyroswitch resistance value is below 200 Ω, between
500 Ω and 2000 Ω or beyond 5000 Ω. During a high squib/pyroswitch resistance diagnostics, VRCM and ISNK
are enabled and connected respectively to SFx and SRx on the selected channel. VREF voltage level will be
output on SFx. Current flowing on SFx will be measured and compared to ISRlow and ISRhigh thresholds to identify
if the resistance is above or below RSRlow or RSRhigh levels. The results are reported in the LPDIAGSTAT register.
The relative flags (HSR_HI and HSR_LO) are not latched and reflect the current status of the comparators.
L9679E
Deployment drivers
DS12485 - Rev 8
page 75/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com