Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 94Page - STMicroelectronics L9679E Datasheet HTML 95Page - STMicroelectronics L9679E Datasheet HTML 96Page - STMicroelectronics L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 127 page
background image
Table 18. Open ground detection DC specifications
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
GNDAOPEN
GNDA open threshold
GNDD = 0
100
200
300
mV
GNDDOPEN
GNDD open threshold
GNDA = 0
100
200
300
mV
Table 19. Open ground detection AC specifications
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
TFLT_GNDREFOPEN
GNDA and GNDD Open Deglitch Filter Time
-
10
17
25
µs
13.2
Internal analog reference
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_OFF(min) ≤ VSAT ≤ VSAT(max)
Table 20. Internal analog reference
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
VBG1
Bandgap reference
-
-1%
1.2
+1%
V
VBG2
Bandgap monitor
-
-1%
1.2
+1%
V
VADC_GROUND
ADC ground reference
ADC total error included
90
104
120
mV
VADC_FULLSCALE
ADC full scale reference
-
-1.5%
2.5
+1.5%
V
13.3
Internal regulators
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
Table 21. Internal regulator DC specifications
Symbol
Parameter
Conditions / Comments
Min
Typ
Max
Unit
VOUT_VINT3V3
VINT3V3 output voltage
-
3.14
3.3
3.46
V
VOV_VINT3V3
VINT3V3 over voltage
-
3.47
3.7
V
VUV_VINT3V3
VINT3V3 under voltage
-
2.97
3.13
V
VOUT_CVDD
CVDD output voltage
-
3.14
3.3
3.46
V
IOUT_CVDD
CVDD current capability
External load is not allowed
-
-
50
mA
ILIM_CVDD
CVDD current limit
-
80
-
-
mA
VOV_CVDD
CVDD over voltage
-
3.47
-
3.7
V
VUV_CVDD
CVDD under voltage
-
2.7
-
2.9
V
CCVDD
CVDD output capacitance
Design Info
60
100
140
nF
L9679E
Electrical characteristics
DS12485 - Rev 8
page 98/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com