Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 6Page - STMicroelectronics L9679E Datasheet HTML 7Page - STMicroelectronics L9679E Datasheet HTML 8Page - STMicroelectronics L9679E Datasheet HTML 9Page - STMicroelectronics L9679E Datasheet HTML 10Page - STMicroelectronics L9679E Datasheet HTML 11Page - STMicroelectronics L9679E Datasheet HTML 12Page - STMicroelectronics L9679E Datasheet HTML 13Page - STMicroelectronics L9679E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
4.1
Deployment drivers
•
8 high-side deployment drivers, 8 low-side deployment drivers
•
User-programmable deployment options
–
1.20 A or 1.75 A minimum
–
Programmable time in 64us increments
•
Capability to deploy a squib/pyroswitch with a minimum current of 1.2 / 1.75 A and the low-side FET
shorted to ground up to 25 V on SSxy
•
Independently controlled high-side and low-side FETs
•
Squib/Pyroswitch resistance measurement
•
Firing current monitor feature
•
High- and low-side FET tests
•
Open and shorts diagnostics, including between loop drivers
•
Independent fire enable logic, SPI and discrete digital input
4.2
Remote sensor interfaces
•
Four-channel receiver
–
standard PSI-5 v1.3 compatible with asynchronous and synchronous protocols
•
Current limit with shortcircuit protection diagnostics
•
PSI-5 satellite sensor mode
–
Auto-adjusting current trip points for each satellite channel
–
Even parity, 8- or 10-bit messages, 125 k or 189 kbps
–
Satellite message error detection
4.3
Arming logic
•
Three discrete and independent input arming signals
4.4
Other features
•
One dedicated 32-bit SPI bus for global configuration and control
•
One dedicated 32-bit SPI bus for remote sensor configuration and control
•
Temperature sensor
•
Independent thermal shutdown protection on the remote sensor interfaces
•
All diagnostics are digital and are available through SPI communications
•
Configurable digital I/O pin voltage range, 5 V or 3.3 V
L9679E
Overview and block diagram
DS12485 - Rev 8
page 10/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com