Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 7Page - STMicroelectronics L9679E Datasheet HTML 8Page - STMicroelectronics L9679E Datasheet HTML 9Page - STMicroelectronics L9679E Datasheet HTML 10Page - STMicroelectronics L9679E Datasheet HTML 11Page - STMicroelectronics L9679E Datasheet HTML 12Page - STMicroelectronics L9679E Datasheet HTML 13Page - STMicroelectronics L9679E Datasheet HTML 14Page - STMicroelectronics L9679E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
5
Start-up and power control
5.1
Power supply overview
The L9679E IC contains an integrated power management system able to provide all necessary voltages for
internal functionality. External supplies are required to operate squib/pyroswitch drivers and RSU interfaces. The
power supply block contains the following features:
•
Two 3.3 V internal regulators for operating internal logic (CVDD) and analog circuits (VINT3V3). An
external CVDD pin is used to provide filtering capacitance to digital section supply rail. VSAT is the supply
of these two regulators. They are enabled when VSAT voltage goes above VSAT_ON threshold.
•
Sync pulse supply (VSYNC) input rail ensures a minimum voltage for operating the satellite sync signal and
running part of the squib/pyroswitch diagnostics set. At system level, it can be connected to the
SYNCBOOST output rail generated by L9679 or L9680 devices.
•
The VSAT input rail ensures the supply to operate the satellite interface. At system level, it can be
connected to the SATBUCK output rail generated by L9679 or L9680 devices.
•
The VCC input rail ensure the supply to operate the SPI interface, in particular the VCC rail is used only to
supply the MISO_G and MISO_RS output digital buffers.
5.2
Power mode control
Start-up and power down of the L9679E are controlled by the VCC pin, VSYNC pin, VSAT pin, RESET_N pin and
device status.
There are three main power modes: power-off, awake and active mode. Each power mode is described below
and represented in the state flow diagram shown in the following figure.
Figure 3. Power control state flow diagram
GADG0503181447PS
L9679E
Start-up and power control
DS12485 - Rev 8
page 11/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com