Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 69Page - STMicroelectronics L9679E Datasheet HTML 70Page - STMicroelectronics L9679E Datasheet HTML 71Page - STMicroelectronics L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics L9679E Datasheet HTML 74Page - STMicroelectronics L9679E Datasheet HTML 75Page - STMicroelectronics L9679E Datasheet HTML 76Page - STMicroelectronics L9679E Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 127 page
background image
The above diagnostic results are processed through a 10-bit analog-to-digital algorithmic converter. These tests
can be addressed in two different ways, with a high-level approach or a low-level one. The main difference
between the two approaches is that with the low-level approach the user is allowed to precisely control the
diagnostic circuitry, also deciding the proper timings involved in the different tests. On the other hand, the high-
level approach is an automatic way of getting diagnostic results for which an internal state machine is taking care
of instructions and timings (reduced number of SPI frames required to run the diagnostic).
The following figure shows the block diagram of the squib/pyroswitch diagnostics.
Figure 15. Deployment loop diagnostics
SSxy
SFx
SRx
SGx
22nF
1nF
22nF
Ilimit =70 mA
8/40 mA
+
-
Gain = 5.25
Voffset
+
-
A to D
10bit
Tot err = ±4LSB
LSB = 2.5/1024 V
HV analog MUX
Vref =2v5
Vref =2v5
Short to GND
Rleak >10 kΩ no detection
Rleak <1 kΩ detection
Rleak >10 kΩ no detection
Rleak <1 kΩ detection
Short to BAT
Squib/Pyroswitch resistor LOW
Squib/Pyroswitch resistor HIGH
VRCM (voltage regulator current monitor)
Squib/Pyroswitch resistance measure
(system error < 8%)
Rsquib/
pyroswitch
1Ω to 10Ω
Vout
Vgnd or
VBat
RLeak
RLeak
EMI low pass
filter
Squib/Pyroswitch
loop driver and
diagnostic
blocks
xN
3v3 supply
VSYNC
ISRC
VER pin
(from Energy Reserve)
Safing
transistor
VSAT
Vgnd or
VBat
Bypass
ISINK
Ipulldown
I=1mA
GNDA
ISRC_CURR_SEL
GADG0903181202PS
GADG0903181202PS
The leakage diagnostic includes short-to-battery, short-to-ground and shorts between loops. The test is applied to
each SFx and SRx pin so shorts can be detected regardless of the resistance between the squib/pyroswitch pins.
7.4.1
Low-level diagnostic approach
In this approach, each of the test steps described in the sections below requires user intervention by issuing the
proper SPI command.
High-voltage leakage test for oxide isolation check
This test is mandatory to address possible leakages that could not be experienced at low voltages on SFx or SRx
pins. The Isource current generator (ISRC) is enabled on the chosen SFx pin. To confirm that the SFx pin has then
reached a suitable voltage level, a dedicated ADC measurement on the SFx pin can be requested. Once this test
is performed, a leakage test on SFx and SRx pins can be issued to double check possible leakages.
Leakage-to-battery/Ground diagnostics
Prior to the real test, the voltage regulator current monitor block (VRCM) has to be tested and validated. The
validation of VRCM goes into verifying both the short-to-battery and short-to-ground flags.
L9679E
Deployment drivers
DS12485 - Rev 8
page 73/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com