Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 85Page - STMicroelectronics L9679E Datasheet HTML 86Page - STMicroelectronics L9679E Datasheet HTML 87Page - STMicroelectronics L9679E Datasheet HTML 88Page - STMicroelectronics L9679E Datasheet HTML 89Page - STMicroelectronics L9679E Datasheet HTML 90Page - STMicroelectronics L9679E Datasheet HTML 91Page - STMicroelectronics L9679E Datasheet HTML 92Page - STMicroelectronics L9679E Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
10
System voltage diagnostics
L9679E has an integrated dedicated circuitry to provide diagnostic feedback and processing of several inputs.
These inputs are addressed with an internal analog multiplexer and just one internal ADC and made available
through the SPI digital interface with the diagnostics data commands. In order to avoid saturation of high-voltage
internal signals, an internal voltage divider is used. The diagnostics circuitry is activated by four SPI diagnostics
control commands (DIAGCTRLx); each of them can address all the available nodes to be monitored, except for
what mentioned in Table 14. Diagnostics control register (DIAGCTRLx).
The DIAGCTRLx SPI command bit fields are structured in the following way:
DIAGCTRL_A (ADDRESS HEX 3A)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
x
x
x
x
x
x
x
x
x
ADCREQ_A [6:0]
MISO
NEWDATA_A
0
0
ADCREQ_A[6:0]
ADCRES_A[9:0]
DIAGCTRL_B (ADDRESS HEX 3B)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
x
x
x
x
x
x
x
x
x
ADCREQ_B [6:0]
MISO
NEWDATA_B
0
0
ADCREQ_B [6:0]
ADCRES_B [9:0]
DIAGCTRL_C (ADDRESS HEX 3C)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MOSI
x
x
x
x
x
x
x
x
x
ADCREQ_C [6:0]
MISO
NEWDATA_C
0
0
ADCREQ_C [6:0]
ADCRES_C [9:0]
DIAGCTRL_D (ADDRESS HEX 3D)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2 1
0
MOSI
x
x
x
x
x
x
x
x
x
ADCREQ_D [6:0]
MISO
NEWDATA_D
0
0
ADCREQ_D [6:0]
ADCRES_D [9:0]
ADCREQ[A-D] bit fields, used to address the different measurements offered, are listed in Table 14. Diagnostics
control register (DIAGCTRLx) for reference.
L9679E diagnostics is structured to take four automatic conversions at a time. In order to get four measurements,
four different SPI commands have to be sent (DIAGCTRL_A, DIAGCTRL_B, DIAGCTRL_C and DIAGCTRL_D) in
no particular order.
In case the voltage to be measured is not immediately available, the desired inputs for conversion have to be
programmed by SPI in advance, to allow them to attain a stable voltage value. This case applies to the squib/
pyroswitch resistance measurement and diagnostics (refer to Squib/Pyroswitch diagnostic with common SRx
connected loops).
CONVRDY_0 bit in GSW is equal to (NEWDATA_A or NEWDATA_B), while CONVRDY_1 bit in GSW
corresponds to (NEWDATA_C or NEWDATA_D).
Each NEWDATAx flag is asserted when conversion is finished and cleared when result is read out. However, the
result is cleared only when a new result for that register is available.
When a new request is received, it is queued if other conversions are ongoing. The conversions are executed in
the same order as their request arrived. The queue is 4 measures long so it is possible to send all 4 requests at
the same time and then wait for the results. If a DIAGCTLRx command is received twice, the second conversion
request will overwrite the previous one.
L9679E
System voltage diagnostics
DS12485 - Rev 8
page 89/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com