Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 78Page - STMicroelectronics L9679E Datasheet HTML 79Page - STMicroelectronics L9679E Datasheet HTML 80Page - STMicroelectronics L9679E Datasheet HTML 81Page - STMicroelectronics L9679E Datasheet HTML 82Page - STMicroelectronics L9679E Datasheet HTML 83Page - STMicroelectronics L9679E Datasheet HTML 84Page - STMicroelectronics L9679E Datasheet HTML 85Page - STMicroelectronics L9679E Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
8.1
PSI-5 mode
All channels are compliant to the PSI-5 v1.3 specification as described below:
•
Two-wire current interface
•
Manchester coded digital data transmission
•
High data transmission speeds of 125 kbps and 189 kbps
•
Variable data word length (8- and 10-bit only)
•
1-bit parity
•
Asynchronous operating mode with 3 stage input data buffers
•
Synchronous operating mode with 3 time slots
An example of the data format for one possible PSI-5 protocol configuration is shown below. Data size and the
error checking may vary, but the presence of 2 sync start bits (referenced below as sync bits) and 2 TGap time is
consistent regardless.
Figure 21. PSI-5 remote sensor protocol (10-bit, 1-bit parity)
Data Transmission
Manchester Code
Transmission of 0x1E7
0x1E7 = 01 1110 0111b
frame duration
T
BIT
T
Gap
S1
"0"
S2
"0"
D0
"1"
D1
"1"
D2
"1"
D3
"0"
D4
"0"
D5
"1"
D6
"1"
D7
"1"
D8
"1"
D9
"0"
P
"1"
GADG0903181523PS
8.1.1
Functional description
The remote sensor interface block provides a hardware connection between the microcontroller and up to twelve
remote sensors (maximum three per channel). Each channel is independent from the others, and is not influenced
by possible fault conditions occurring on other channels, such as shortcircuits to ground or to vehicle battery.
Each channel is supplied by a current limited DC voltage derived from VSAT pin, and monitors the current sunk
from its supply in order to extract encoded data. The remote sensor modulates the current draw to transmit
Manchester-encoded data back to the receiver. The current level detection threshold for all channels is internally
computed by the IC in order to adapt the signal level to the sensors quiescent current.
All channels can be enabled or disabled independently via SPI commands. The operational status of all channels
can also be read via SPI command. All channels support individual selective sync-pulse control to allow
communication back to the remote sensor via sync-pulse voltage modulation as described in the PSI5 v1.3
specification.
In case asynchronous mode is selected for one interface the sync pulse is not generated (sync pulse control bit is
don’t care).
The message bits are encoded using a Manchester format, in which logic values are determined by a current
transition in the middle of the bit time. When configured for PIS5 sensors each interface supports Manchester 2
encoding as shown in Figure 22. Manchester bit encoding.
Figure 22. Manchester bit encoding
Logic '0'
Logic '1'
Manchester-2
PSI5
Bit time
‘0’
‘0’
‘1’
‘0’
‘1’
Current
Start bits = ‘00’
GADG0903181529PS
L9679E
Remote sensor interface
DS12485 - Rev 8
page 82/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com