Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 59Page - STMicroelectronics L9679E Datasheet HTML 60Page - STMicroelectronics L9679E Datasheet HTML 61Page - STMicroelectronics L9679E Datasheet HTML 62Page - STMicroelectronics L9679E Datasheet HTML 63Page - STMicroelectronics L9679E Datasheet HTML 64Page - STMicroelectronics L9679E Datasheet HTML 65Page - STMicroelectronics L9679E Datasheet HTML 66Page - STMicroelectronics L9679E Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
RSDRx (x=0 to 11) @FLT=1
Remote sensor data/fault registers ch_x (x=0 to 3) slot_x
(x=1 to 3)
ch0 slot 1 (RSDR0); ch1 slot 1 (RSDR1); ch2 slot 1 (RSDR2); ch3 slot 1 (RSDR3);
ch0 slot 2 (RSDR4); ch1 slot 2 (RSDR5); ch2 slot 2 (RSDR6); ch 3 slot 2 (RSDR7)
ch0 slot 3 (RSDR8); ch1 slot 3 (RSDR9); ch2 slot 3 (RSDR10); ch3, slot 3 (RSDR11)
Note:
Bit 15 = 1 FAULTED condition
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CRC
X
FLT
=1
LCID [3:0]
X
X
ID:
50 (RSDR0), 51 (RSDR1), 52 (RSDR2), 53 (RSDR3), 54 (RSDR4), 55 (RSDR5), 56 (RSDR6),
57 (RSDR6), 58 (RSDR8), 59 (RSDR9), 5A (RSDR10), 5B (RSDR11)
Type:
R
Read:
5000 (RSDR0), 5100 (RSDR1), 5200 (RSDR2), 5300 (RSDR3), 5400 (RSDR4), 5500
(RSDR5), 5600 (RSDR6), 5700 (RSDR7), 5800 (RSDR8), 5900 (RSDR9), 5A00 (RSDR10),
5B00 (RSDR11)
Write:
-
POR
WSM
SSM
[19:17]
-
-
-
CRC[2:0]: CRC based on bits [16:0]
Updated based on bits [16:0]
[15]
1
1
1
FLT=1: Fault Status
Cleared when all of the following bits are '0': STG, STB, CURRENT_HI, OPENDET, RSTEMP,
NODATA, INVALID, SLOT ERROR, PULSE OVERFLOW ERROR
Set when any of the following bits are '1': STG, STB, CURRENT_HI, OPENDET, RSTEMP,
NODATA, INVALID, SLOT ERROR, PULSE OVERFLOW ERROR
0: No fault
1: Fault
[14]
0
0
0
On/Off: Channel on/off status
Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL or when the STG
bit is set or the RSTEMP bit is set
Set when channel is commanded ON by SPI RSCTRL
0: Off
1: On
L9679E
SPI interface
DS12485 - Rev 8
page 63/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com