Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 68Page - STMicroelectronics L9679E Datasheet HTML 69Page - STMicroelectronics L9679E Datasheet HTML 70Page - STMicroelectronics L9679E Datasheet HTML 71Page - STMicroelectronics L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics L9679E Datasheet HTML 74Page - STMicroelectronics L9679E Datasheet HTML 75Page - STMicroelectronics L9679E Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
7.2
Deployment voltage
One deployment voltage source pin is used for adjacent channels (e.g. SS23 for channels 2 and 3). These pins
are directly connected to the high side drivers for each channel.
7.3
Deployment driver protections
7.3.1
Delayed low side deactivation
To control voltage spikes at the squib/pyroswitch pins during drivers deactivation at the end of a deployment, the
low/side driver is switched off after TDEL_SD_LS delay time with respect to the high side deactivation.
7.3.2
Low-side voltage clamp
The low-side driver is protected against overvoltage at the SRx pins by means of a clamping structure as shown
in Figure 12. Analog deployment block diagram. When the low-side driver is turned off, voltage transients at the
SRx pin may be caused by squib/pyroswitch inductance. In this case a low-side FET drain to gate clamp will
reactivate the low-side FET allowing for residual inductance current recirculation, thus preventing potential low-
side FET damage by overvoltage.
7.3.3
Short-to-battery
The low-side driver is equipped with current limitation and overcurrent protection circuitry. In case of short-to-
battery at the squib/pyroswitch pins, the shortcircuit current is limited by the low-side driver to ILIMSRx. If this
condition lasts for longer than TFLT_ILIM_LS deglitch filter time then the low- and high-side drivers will be switched
off and latched in this state until a new deployment is commanded after SPI_DEPEN is retriggered.
7.3.4
Short-to-ground
The squib/pyroswitch driver is designed to stand a short-to-ground at the squib/pyroswitch pins during
deployment. In particular, the current flowing through the short circuit is limited by the high-side driver
(deployment current) and the high-side FET is sized to handle the related energy.
In case the short-to-ground during deployment occurs after an open circuit, a protection against damage is also
available. The high-side current regulator would have normally reacted to the open circuit by increasing the Vgs of
the high-side FET. Thanks to a dedicated fast comparator detecting the open condition, the driver is able to
discharge the FET gate quickly in order to reduce current overshoot and prevent potential driver damage when
the short-to-ground occurs.
7.3.5
Intermittent open squib/pyroswitch
A dedicated protection is also available in case of intermittent open load during deployment. In this case, if load is
restored after an open circuit, due to slow reaction of the high-side current regulation loop, the current through the
squib/pyroswitch is limited only to ILIMSRx by the low-side driver. If this condition lasts for longer than TFLT_OS_LS
then the high side is turned off for TOFF_OS_HS and then reactivated. By this feature, intermittent open squib/
pyroswitch and short-to-battery faults may be distinguished and handled properly by the drivers.
7.4
Diagnostics
The L9679E provides the following diagnostic feedback for all deployment channels:
•
High-voltage leakage test for oxide isolation check on SFx and SRx
•
Leakage to battery and ground on both SFx and SRx pins with or without a squib/pyroswitch
•
Short between loops diagnostics
•
Squib/Pyroswitch resistance measurement with leakage cancellation and selectable range (10/50 Ω)
•
High squib/pyroswitch resistance with range from 500 Ω to 2000 Ω
•
SSxy, SFx voltage status
•
High- and low-side FET diagnostics
•
Loss of ground return diagnostics
•
High-side safing FET diagnostics
L9679E
Deployment drivers
DS12485 - Rev 8
page 72/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com