Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics L9679E Datasheet HTML 74Page - STMicroelectronics L9679E Datasheet HTML 75Page - STMicroelectronics L9679E Datasheet HTML 76Page - STMicroelectronics L9679E Datasheet HTML 77Page - STMicroelectronics L9679E Datasheet HTML 78Page - STMicroelectronics L9679E Datasheet HTML 79Page - STMicroelectronics L9679E Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
High- and low-side FET diagnostics
This couple of tests can only be run during the diagnostic mode of the power-up sequence (as described in
Figure 6. IC operating state diagram). Tests are performed individually for HS driver or LS driver, with two
dedicated commands. Prior to either the HS or LS FET diagnostics being run, the VRCM has to be first enabled.
Within the command to enable the VRCM, also the channel onto which the FET test will be run has to be selected
with the LEAK_CHSEL bit field. Running the leakage diagnostics with the appropriate delay time prior to either the
HS or LS FET diagnostics will precondition the squib/pyroswitch pin to the appropriate voltage level. When the
FET diagnostic command is issued with the Diagnostic Register SPI command (SYSDIAGREQ), the VRCM flags
will be cleared, the VRCM deglitch filter time is switched from the leakage diagnostic deglitch filter time (TFLT_LKG)
to the FET test deglitch filter time (TFLT_LKGB_FT) for both HS and LS and the output of the VRCM deglitch filter is
now allowed to disable the appropriate HS or LS squib/pyroswitch driver during FET test.
The device monitors the current through the VRCM. If the FET is working properly, this current will exceed
IHS_FET_TH or ILS_FET_TH current threshold, respectively for HS or LS FET test for the deglitch filter time of
TFLT_LKGB_FT, and the driver under test is turned off immediately and automatically.
If there is a substantial leakage fault to Vbat or Gnd present during the FET test, leading this leakage current to
exceed the IHS_FET_TH or ILS_FET_TH current threshold, for the deglitch filter time of TFLT_LKGB_FT, then the
driver under test is turned off immediately and automatically, and the corresponding VRCM flag, STG or STB, is
set.
If the current does not exceed the current threshold, the test will be terminated and the driver is anyway turned off
within TFETTIMEOUT.
Table 12. HS FET TEST
VRCM Flags
Result
STG
STB
0
0
FET test fail
0
1
FET test pass
OR
Leakage to Vbat
1
0
FET test disabled
due to Leakage to Gnd
1
1
State not possible
Table 13. LS FET TEST
VRCM Flags
Result
STG
STB
0
0
FET test fail
0
1
FET test disabledd
due to Leakage to Vbat
1
0
FET test pass
OR
Leakage to Gnd
1
1
State not possible
During TFETTIMEOUT period, the bit stating that the FET is enabled will be set (FETON=1) and will be cleared as
soon as the FET is switched back off.
L9679E
Deployment drivers
DS12485 - Rev 8
page 76/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com