Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments INA159 Datasheet HTML 16Page - Texas Instruments INA159 Datasheet HTML 17Page - Texas Instruments INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments INA159 Datasheet HTML 20Page - Texas Instruments INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
A
1
A
2
A
3
7
50 kW
50 kW
50 kW
50 kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
Device
G = 1 +
49.4 kW
R
G
6
RFI Filter
24.7 kW
24.7 kW
RFI Filter
Load
V = G
(V
´
V
)
-
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
R
G
Also drawn in simplified form:
Device
REF
V
O
-IN
+IN
REF
R
(1)
S
R
(1)
S
Copyright © 2016, Texas Instruments Incorporated
18
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The Functional Block Diagram section shows the basic connections required for operation of the INA826. Good
layout practice mandates the use of bypass capacitors placed as close to the device pins as possible.
The output of the INA826 is referred to the output reference (REF) terminal, which is normally grounded. This
connection must be low-impedance to maintain good common-mode rejection. Although 5
Ω or less of stray
resistance can be tolerated when maintaining specified CMRR, small stray resistances of tens of ohms in series
with the REF pin can cause noticeable degradation in CMRR.
8.2 Functional Block Diagram
(1)
This resistor is optional if the input voltage stays above [(V–) – 2 V] or if the signal source current drive capability is
limited to less than 3.5 mA; see the Input Protection section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com