Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments INA159 Datasheet HTML 23Page - Texas Instruments INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
(e
+
NI
2
´
e
NO
2
G
´
6
V
DIFF
BW
25
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
The INA826 offers excellent gain error over temperature for both G > 1 and G = 1 (no external gain resistor).
Table 2 summarizes the major error sources in common INA applications and compares the two cases of G = 1
(no external resistor) and G = 10 (5.49-kΩ external resistor). As can be seen in Table 2, although the static errors
(absolute accuracy errors) in G = 1 are almost twice as great as compared to G = 10, there are much fewer drift
errors because of the much lower gain error drift. In most applications, these static errors can readily be removed
during calibration in production. All calculations refer the error to the input for easy comparison and system
evaluation.
Table 2. Error Calculations
ERROR SOURCE
ERROR CALCULATION
INA826
SPECIFICATION
G = 10 ERROR
(ppm)
G = 1 ERROR
(ppm)
ABSOLUTE ACCURACY AT 25°C
Input offset voltage (µV)
VOSI / VDIFF
150
150
150
Output offset voltage (µV)
VOSO / (G × VDIFF)
700
70
700
Input offset current (nA)
IOS × maximum (RS+, RS–) / VDIFF
5
50
50
CMRR (dB)
VCM / (10
CMRR/20 × V
DIFF)
104 (G = 10),
84 (G = 1)
63
631
Total absolute accuracy error (ppm)
333
1531
DRIFT TO 105°C
Gain drift (ppm/°C)
GTC × (TA – 25)
35 (G = 10),
1 (G = 1)
2800
80
Input offset voltage drift (µV/°C)
(VOSI_TC / VDIFF) × (TA – 25)
2
160
160
Output offset voltage drift (µV/°C)
[VOSO_TC / ( G × VDIFF)] × (TA – 25)
10
80
800
Offset current drift (pA/°C)
IOS_TC × maximum (RS+, RS–) ×
(TA – 25) / VDIFF
60
48
48
Total drift error (ppm)
3088
1088
RESOLUTION
Gain nonlinearity (ppm of FS)
5
5
5
Voltage noise (1 kHz)
eNI = 18,
eNO = 110
10
10
Total resolution error (ppm)
15
15
TOTAL ERROR
Total error
Total error = sum of all error sources
3436
2634
8.4 Device Functional Modes
The INA826 has a single functional mode and is operational when the power-supply voltage is greater than 3 V
(±1.5 V). The maximum power-supply voltage for the INA826 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com