Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA159 Datasheet HTML 20Page - Texas Instruments INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments INA159 Datasheet HTML 23Page - Texas Instruments INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
+15V
5.49kW
Device
REF
V
OUT
- 15V
R
=10kW
S+
R
=9.9kW
S-
V
=1V
DIFF
V
=10V
CM
SignalBandwidth:5kHz
24
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.3.9 Operating Voltage
The INA826 operates over a power-supply range of 3 V to 36 V (±1.5 V to ±18 V). Supply voltages higher than
40 V (±20 V) can permanently damage the device. Parameters that vary over supply voltage or temperature are
shown in the Typical Characteristics section of this data sheet.
8.3.9.1 Low-Voltage Operation
The INA826 can operate on power supplies as low as ±1.5 V. Most parameters vary only slightly throughout this
supply voltage range; see the Typical Characteristics section. Operation at very-low supply voltage requires
careful attention to make sure that the input voltages remain within the linear range. Voltage swing requirements
of internal nodes limit the input common-mode range with low power-supply voltage. Figure 9 through Figure 15
and Figure 41 through Figure 43 describe the range of linear operation for various supply voltages, reference
connections, and gains.
8.3.10 Error Sources
Most modern signal-conditioning systems calibrate errors at room temperature. However, calibration of errors
that result from a change in temperature is normally difficult and costly. Therefore, minimizing these errors is
important. Make sure to choose high-precision components, such as the INA826, that have improved
specifications in critical areas that impact the precision of the overall system. Figure 62 shows an example
application.
Figure 62. Example Application With G = 10 V/V and 1-V Differential Voltage
Resistor-adjustable INAs, such as the INA826, show the lowest gain error in G = 1 because of the inherently
well-matched drift of the internal resistors of the differential amplifier. At gains greater than 1 (for instance, G =
10 V/V or G = 100 V/V), the gain error becomes a significant error source because of the contribution of the
resistor drift of the 24.7-kΩ feedback resistors in conjunction with the external gain resistor. Except for very high
gain applications, the gain drift is by far the largest error contributor compared to other drift errors, such as offset
drift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com