Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 1 Page - Texas Instruments

  INA159 Datasheet HTML 1Page - Texas Instruments INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
A
1
A
2
A
3
7
50 kW
50 kW
50 kW
50 kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
Device
G = 1 +
49.4 kW
R
G
6
RFI Filter
24.7 kW
24.7 kW
RFI Filter
Load
V = G
(V
´
V
)
-
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
REF
R
(1)
S
R
(1)
S
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
INA826 Precision, 200-µA Supply Current, 3-V to 36-V Supply
Instrumentation Amplifier With Rail-to-Rail Output
1
1 Features
1
•
Input common-mode range: Includes V–
•
Common-mode rejection:
–
104 dB, min (G = 10)
–
100 dB, min at 5 kHz (G = 10)
•
Power-supply rejection: 100 dB, min (G = 1)
•
Low offset voltage: 150 µV, max
•
Gain drift: 1 ppm/°C (G = 1), 35 ppm/°C (G > 1)
•
Noise: 18 nV/
√Hz, G ≥ 100
•
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
•
Inputs protected up to ±40 V
•
Rail-to-rail output
•
Supply current: 200 µA
•
Supply range:
–
Single supply: 3 V to 36 V
–
Dual supply: ±1.5 V to ±18 V
•
Specified temperature range:
–40°C to +125°C
•
Packages: 8-pin VSSOP, SOIC, and WSON
2 Applications
•
Analog input module
•
Flow transmitter
•
Battery test
•
LCD test
•
Electrocardiogram (ECG)
•
Surgical equipment
•
Process analytics (pH, gas, concentration, force
and humidity)
•
Circuit breaker (ACB, MCCB, VCB)
3 Description
The
INA826
is
a
cost-effective
instrumentation
amplifier that offers extremely low power consumption
and operates over a very wide single-supply or dual-
supply range. A single external resistor sets any gain
from 1 to 1000. The device offers excellent stability
over temperature, even at G > 1, as a result of the
low gain drift of only 35 ppm/°C (maximum).
The
INA826
is
optimized
to
provide
excellent
common-mode rejection ratio of over 100 dB (G = 10)
over frequencies up to 5 kHz. At G = 1, the common-
mode rejection ratio exceeds 84 dB across the full
input common-mode range, from the negative supply
all the way up to 1 V of the positive supply. Using a
rail-to-rail output, the INA826 is a great choice for
low-voltage operation from a 3-V single supply, as
well as dual supplies up to ±18 V.
Additional
circuitry
protects
the
inputs
against
overvoltage of up to ±40 V beyond the power
supplies by limiting the input currents to less than
8 mA.
The INA826 is available in 8-pin SOIC, VSSOP, and
tiny 3-mm × 3-mm WSON surface-mount packages.
All versions are specified for the –40°C to +125°C
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA826
SOIC (8)
4.90 mm × 3.91 mm
WSON (8)
3.00 mm × 3.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
General-Purpose Instrumentation Amplifier
(1)
This resistor is optional if the input voltage stays above [(V–) – 2 V] or if the signal source current drive capability is
limited to less than 3.5 mA; see the Input Protection section for more details.


Similar Part No. - INA159

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA159 TI-INA159 Datasheet
246Kb / 14P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI1-INA159 Datasheet
605Kb / 17P
Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159 Datasheet
640Kb / 18P
Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
2Mb / 44P
INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
INA159 TI-INA159 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results

Similar Description - INA159

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA826S TI1-INA826S Datasheet
1Mb / 40P
Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
36-V Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com