Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA159 Datasheet HTML 23Page - Texas Instruments INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
0
1
2
3
4
5
−10
−5
0
5
10
Input Voltage (V)
G071
0
1
2
3
4
5
−0.02
−0.01
0
0.01
0.02
Input Current (A)
G070
49.4 kW
R
G
49.4 k
1
W
-
G
INA826
G
= 1 +
R
INA826
G
=
®
= 10.4 kW
=
49.4 k
5.75
1
W
-
V
V
OUT
REF
-
V
D
G =
=
= 5.75
4.8 V
2.5 V
400 mV
-
V
V
R
V
1
D
V
V
IN
-
D
´
R
2
R + R
1
2
V = V
R
D
IN
2
=
´
®
= 4.167 kW
V
= V
G + V
=
G + V
OUT V
D
REF
-
-
REF
´
´
V
IN
´
R
2
R + R
1
2
V
= V
G + V
= (I
R )
G + V
OUT I
D
REF
IN
3
-
-
REF
´
´
´
27
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.2 Detailed Design Procedure
There are two modes of operation for the circuit shown in Figure 63: current input and voltage input. This design
requires R1 >> R2 >> R3. Given this relationship, the current input mode transfer function is given by Equation 2.
where
•
G represents the gain of the instrumentation amplifier
(2)
The transfer function for the voltage input mode is shown by Equation 3.
(3)
R1 sets the input impedance of the voltage input mode. The minimum typical input impedance is 100 kΩ. This
value is selected for R1 because increasing the R1 value also increases noise. The value of R3 must be
extremely small compared to R1 and R2. 20 Ω for R3 is selected because that resistance value is much smaller
than R1 and yields an input voltage of ±400 mV when operated in current mode (±20 mA).
Equation 4 can be used to calculate R2 given VD = ±400 mV, VIN = ±10 V, and R1 = 100 kΩ.
(4)
The value obtained from Equation 4 is not a standard 0.1% value, so 4.12 kΩ is selected. R1 and R2 also use
0.1% tolerance resistors to minimize error.
The ideal gain of the instrumentation amplifier is calculated with Equation 5.
(5)
Using the INA826 gain equation, Equation 1, the gain-setting resistor value is calculated as shown by Equation 6.
(6)
10.4 kΩ is a standard 0.1% resistor value that can be used in this design. Finally, the output RC filter
components are selected to have a –3-dB cutoff frequency of 1 MHz.
9.2.3 Application Curves
Figure 64 and Figure 65 illustrate typical characteristic curves for Figure 63.
Figure 64. PLC Output Voltage vs Input Voltage
Figure 65. PLC Output Voltage vs Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com