Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments INA159 Datasheet HTML 32Page - Texas Instruments INA159 Datasheet HTML 33Page - Texas Instruments INA159 Datasheet HTML 34Page - Texas Instruments INA159 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
NC
+Vs
-Vs
+Vs
-Vs
+Vs
Rg 5k
Vin
Temp
GND
Vout
Trim
U2 REF5025
Rset 2.5k
Rparasitic 5
V1 15
V2 15
-
+
Vout
RTD 100
A
+
Iset
-
+
Vset
VirtualGND
-
+
+
U1 OPA188
R2 1.5M
+
+
-
Rg
Rg
Ref
U4 INA826
Vref5025
+Vs
-Vs
Copyright © 2017, Texas Instruments Incorporated
31
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
System Examples (continued)
Figure 71 shows an example of how the INA826 can be used for RTD signal conditioning. This circuit creates an
excitation current (ISET) by forcing 2.5 V from the REF5025 across RSET. The zero-drift, low-noise OPA188
creates the virtual ground that maintains a constant differential voltage across RSET with changing common-mode
voltage. This voltage is necessary because the voltage on the positive input of the INA826 fluctuates over
temperature as a result of the changing RTD resistance. Click the following link to download the TINA-TI file:
RTD Circuit.
Figure 71. RTD Signal Conditioning
The circuit in Figure 72 creates a precision current ISET by forcing the INA826 VDIFF across RSET. The input
voltage VIN is amplified to the output of the INA826 and then divided down by the gain of the INA826 to create
VDIFF. ISET can be controlled either by changing the value of the gain-set resistor RG, the set resistor RSET, or by
changing VOUT through the gain of the composite loop. Make sure that the changing load resistance RL does not
create a voltage on the negative input of the INA826 that violates the compliance of the common-mode input
range. Likewise, the voltage on the output of the OPA170 must remain compliant throughout the changing load
resistance for this circuit to function properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com