Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 33 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments INA159 Datasheet HTML 32Page - Texas Instruments INA159 Datasheet HTML 33Page - Texas Instruments INA159 Datasheet HTML 34Page - Texas Instruments INA159 Datasheet HTML 35Page - Texas Instruments INA159 Datasheet HTML 36Page - Texas Instruments INA159 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
10 Power Supply Recommendations
The nominal performance of the INA826 is specified with a supply voltage of ±15 V and mid-supply reference
voltage. The device can also be operated using power supplies from ±1.5 V (3 V) to ±18 V (36 V) and non mid-
supply reference voltages with excellent performance. Parameters that can vary significantly with operating
voltage and reference voltage are illustrated in the Typical Characteristics section.
11 Layout
11.1 Layout Guidelines
Attention to good layout practices is always recommended. Keep traces short and, when possible, use a printed
circuit board (PCB) ground plane with surface-mount components placed as close to the device pins as possible.
Place 0.1-μF bypass capacitors close to the supply pins. Apply these guidelines throughout the analog circuit to
improve performance and provide benefits such as reducing the electromagnetic-interference (EMI) susceptibility.
The INA826EVM is intended to provide basic functional evaluation of the INA826. An image of the INA826EVM is
provided in Figure 73. The INA826EVM is also available for purchase through the TI eStore.
Attention to good layout practices is always recommended. For best operational performance of the device, use
good PCB layout practices, including:
•
Make sure to match both input paths to avoid converting common-mode signals into differential signals.
•
Connect a bypass capacitor of 0.1-µF between each supply pin and ground, placed close to the device as
possible.
•
Route the input traces as far away from the supply or output traces as possible. This reduces parasitic
coupling.
•
Place the external components as close to the device as possible.
•
Keep traces as short as possible.
•
For the DRG package: Connect the exposed thermal pad to the lowest voltage potential on the circuit that is
the negative power supply (–V).
11.1.1 CMRR vs Frequency
The INA826 pinout is optimized for achieving maximum CMRR performance over a wide range of frequencies.
However, make sure that both input paths are well-matched for source impedance and capacitance to avoid
converting common-mode signals into differential signals. In addition, parasitic capacitance at the gain-setting
pins can also affect CMRR over frequency. For example, in applications that implement gain switching using
switches or PhotoMOS® relays to change the value of RG, choose the component so that the switch capacitance
is as small as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com