Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments INA159 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
−30
−20
−10
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G005
10
100
1k
1
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G019
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G003
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G004
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G001
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
G = 1000
G002
11
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 19. CMRR vs Frequency (RTI)
Figure 20. CMRR vs Frequency
(RTI, 1-kΩ Source Imbalance)
Figure 21. Positive PSRR vs Frequency (RTI)
Figure 22. Negative PSRR vs Frequency (RTI)
Figure 23. Gain vs Frequency
Figure 24. Voltage Noise Spectral Density
vs Frequency (RTI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com