Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments INA159 Datasheet HTML 27Page - Texas Instruments INA159 Datasheet HTML 28Page - Texas Instruments INA159 Datasheet HTML 29Page - Texas Instruments INA159 Datasheet HTML 30Page - Texas Instruments INA159 Datasheet HTML 31Page - Texas Instruments INA159 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
15 V
5 V
12.4 kW
TI Device
REF
V
OUT
±
= 2.5 V
2.3 V
REF3225
2.5 V
-15 V
4.87 kW
100 kW
20 W
±10 V
4 mA to 20 mA
20 mA
±
Copyright © 2017, Texas Instruments Incorporated
ADC
R
G
INA826
Passive
Integrator
100 kW
100 kW
REF
G = 1
I
P
Mux
Ch 1
Serial
Interface
(SPI)
SCLK
DIO
CS
DV
DD
AV
DD
PGA112
PGA113
MSP430
Microcontroller
3 V
REF3312
3 V
GND
REF
Rogowski
Coil
1.2 V
Copyright © 2017, Texas Instruments Incorporated
28
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
9.3 System Examples
9.3.1 Circuit Breaker
Figure 66 shows the INA826 used in a circuit breaker application.
Figure 66. Circuit Breaker Example
9.3.2 Programmable Logic Controller (PLC) Input
The INA826 used in an example programmable logic controller (PLC) input application is shown in Figure 67.
Figure 67. ±10-V, 4-mA to 20-mA PLC Input
Additional application ideas are illustrated in Figure 68 to Figure 72.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com