Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA159 Datasheet HTML 18Page - Texas Instruments INA159 Datasheet HTML 19Page - Texas Instruments INA159 Datasheet HTML 20Page - Texas Instruments INA159 Datasheet HTML 21Page - Texas Instruments INA159 Datasheet HTML 22Page - Texas Instruments INA159 Datasheet HTML 23Page - Texas Instruments INA159 Datasheet HTML 24Page - Texas Instruments INA159 Datasheet HTML 25Page - Texas Instruments INA159 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Device
47kW
47kW
Device
10kW
Microphone,
Hydrophone,
etc.
Thermocouple
Device
Centertapprovides
biascurrentreturn.
22
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.3.5 Input Protection
The inputs of the INA826 are individually protected for voltages up to ±40 V. For example, a condition of –40 V
on one input and +40 V on the other input does not cause damage. However, if the input voltage exceeds (V–) –
2 V and the signal source current drive capability exceeds 3.5 mA, the output voltage switches to the opposite
polarity; see Figure 17. This polarity reversal can easily be avoided by adding resistance of 10 kΩ in series with
both inputs.
Internal circuitry on each input provides low series impedance under normal signal conditions. If the input is
overloaded, the protection circuitry limits the input current to a safe value of approximately 8 mA. Figure 17 and
Figure 18 illustrate this input current limit behavior. The inputs are protected even if the power supplies are
disconnected or turned off.
8.3.6 Input Bias Current Return Path
The input impedance of the INA826 is extremely high (approximately 20 GΩ). However, a path must be provided
for the input bias current of both inputs. This input bias current is typically 35 nA. High input impedance means
that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 60 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA826 and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path can be connected to one input (as shown in the thermocouple example in
Figure 60). With higher source impedance, using two equal resistors provides a balanced input with possible
advantages of lower input offset voltage as a result of bias current and better high-frequency common-mode
rejection.
Figure 60. Providing an Input Common-Mode Current Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com