Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 37Page - NXP Semiconductors LPC2460 Datasheet HTML 38Page - NXP Semiconductors LPC2460 Datasheet HTML 39Page - NXP Semiconductors LPC2460 Datasheet HTML 40Page - NXP Semiconductors LPC2460 Datasheet HTML 41Page - NXP Semiconductors LPC2460 Datasheet HTML 42Page - NXP Semiconductors LPC2460 Datasheet HTML 43Page - NXP Semiconductors LPC2460 Datasheet HTML 44Page - NXP Semiconductors LPC2460 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
41 of 68
NXP Semiconductors
LPC2460
Fast communication chip
values, and/or altering the CPU clock divider value. This allows a trade-off of power versus
processing speed based on application requirements. In addition, Peripheral power
control allows shutting down the clocks to individual on-chip peripherals, allowing fine
tuning of power consumption by eliminating all dynamic power use in any peripherals that
are not required for the application. Each of the peripherals has its own clock divider which
provides even better power control.
The LPC2460 also implements a separate power domain in order to allow turning off
power to the bulk of the device while maintaining operation of the RTC and a small SRAM,
referred to as the Battery RAM.
7.24.4.1
Idle mode
In Idle mode, execution of instructions is suspended until either a Reset or interrupt
occurs. Peripheral functions continue operation during Idle mode and may generate
interrupts to cause the processor to resume execution. Idle mode eliminates dynamic
power used by the processor itself, memory systems and related controllers, and internal
buses.
7.24.4.2
Sleep mode
In Sleep mode, the oscillator is shut down and the chip receives no internal clocks. The
processor state and registers, peripheral registers, and internal SRAM values are
preserved throughout Sleep mode and the logic levels of chip pins remain static. The
output of the IRC is disabled but the IRC is not powered down for a fast wake-up later. The
32 kHz RTC oscillator is not stopped because the RTC interrupts may be used as the
wake-up source. The PLL is automatically turned off and disconnected. The CCLK and
USB clock dividers automatically get reset to zero.
The Sleep mode can be terminated and normal operation resumed by either a Reset or
certain specific interrupts that are able to function without clocks. Since all dynamic
operation of the chip is suspended, Sleep mode reduces chip power consumption to a
very low value.
On the wake-up from Sleep mode, if the IRC was used before entering Sleep mode, the
code execution and peripherals activities will resume after 4 cycles expire. If the main
external oscillator was used, the code execution will resume when 4096 cycles expire.
The customers need to reconfigure the PLL and clock dividers accordingly.
7.24.4.3
Power-down mode
Power-down mode does everything that Sleep mode does but also turns off the IRC
oscillator.
On the wake-up from Power-down mode, if the IRC was used before entering Power-down
mode, it will take IRC 60
µs to start-up. After this 4 IRC cycles will expire before the code
execution can then be resumed if the code was running from SRAM. The customers need
to reconfigure the PLL and clock dividers accordingly after a wake-up from Power-down
mode.
7.24.4.4
Power domains
The LPC2460 provides two independent power domains that allow the bulk of the device
to have power removed while maintaining operation of the RTC and the Battery RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com