Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 25Page - NXP Semiconductors LPC2460 Datasheet HTML 26Page - NXP Semiconductors LPC2460 Datasheet HTML 27Page - NXP Semiconductors LPC2460 Datasheet HTML 28Page - NXP Semiconductors LPC2460 Datasheet HTML 29Page - NXP Semiconductors LPC2460 Datasheet HTML 30Page - NXP Semiconductors LPC2460 Datasheet HTML 31Page - NXP Semiconductors LPC2460 Datasheet HTML 32Page - NXP Semiconductors LPC2460 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
29 of 68
NXP Semiconductors
LPC2460
Fast communication chip
• One AHB master for transferring data. This interface transfers data when a DMA
request goes active.
• 32-bit AHB master bus width.
• Incrementing or non-incrementing addressing for source and destination.
• Programmable DMA burst size. The DMA burst size can be programmed to more
efficiently transfer data. Usually the burst size is set to half the size of the FIFO in the
peripheral.
• Internal four-word FIFO per channel.
• Supports 8-bit, 16-bit, and 32-bit wide transactions.
• An interrupt to the processor can be generated on a DMA completion or when a DMA
error has occurred.
• Interrupt masking. The DMA error and DMA terminal count interrupt requests can be
masked.
• Raw interrupt status. The DMA error and DMA count raw interrupt status can be read
prior to masking.
7.8 Fast general purpose parallel I/O
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The value of the
output register may be read back as well as the current state of the port pins.
LPC2460 use accelerated GPIO functions:
• GPIO registers are relocated to the ARM local bus so that the fastest possible I/O
timing can be achieved.
• Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
• All GPIO registers are byte and half-word addressable.
• Entire port value can be written in one instruction.
Additionally, any pin on port 0 and port 2 (total of 64 pins) that is not configured as an
analog input/output can be programmed to generate an interrupt on a rising edge, a falling
edge, or both. The edge detection is asynchronous, so it may operate when clocks are not
present such as during Power-down mode. Each enabled interrupt can be used to wake
the chip up from Power-down mode.
7.8.1 Features
• Bit level set and clear registers allow a single instruction to set or clear any number of
bits in one port.
• Direction control of individual bits.
• All I/O default to inputs after reset.
• Backward compatibility with other earlier devices is maintained with legacy port 0 and
port 1 registers appearing at the original addresses on the APB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com