Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors LPC2460 Datasheet HTML 10Page - NXP Semiconductors LPC2460 Datasheet HTML 11Page - NXP Semiconductors LPC2460 Datasheet HTML 12Page - NXP Semiconductors LPC2460 Datasheet HTML 13Page - NXP Semiconductors LPC2460 Datasheet HTML 14Page - NXP Semiconductors LPC2460 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
11 of 68
NXP Semiconductors
LPC2460
Fast communication chip
P0[21]/RI1/
MCIPWR/RD1
118[1]
M16[1]
I/O
P0[21] — General purpose digital input/output pin.
I
RI1 — Ring Indicator input for UART1.
O
MCIPWR — Power Supply Enable for external SD/MMC power supply.
I
RD1 — CAN1 receiver input.
P0[22]/RTS1/
MCIDAT0/TD1
116[1]
N17[1]
I/O
P0[22] — General purpose digital input/output pin.
O
RTS1 — Request to Send output for UART1.
I/O
MCIDAT0 — Data line 0 for SD/MMC interface.
O
TD1 — CAN1 transmitter output.
P0[23]/AD0[0]/
I2SRX_CLK/
CAP3[0]
18[2]
H1[2]
I/O
P0[23] — General purpose digital input/output pin.
I
AD0[0] — A/D converter 0, input 0.
I/O
I2SRX_CLK — Receive Clock. It is driven by the master and received by
the slave. Corresponds to the signal SCK in the
I2S-bus specification.
I
CAP3[0] — Capture input for Timer 3, channel 0.
P0[24]/AD0[1]/
I2SRX_WS/
CAP3[1]
16[2]
G2[2]
I/O
P0[24] — General purpose digital input/output pin.
I
AD0[1] — A/D converter 0, input 1.
I/O
I2SRX_WS — Receive Word Select. It is driven by the master and
received by the slave. Corresponds to the signal WS in the
I2S-bus
specification.
I
CAP3[1] — Capture input for Timer 3, channel 1.
P0[25]/AD0[2]/
I2SRX_SDA/
TXD3
14[2]
F1[2]
I/O
P0[25] — General purpose digital input/output pin.
I
AD0[2] — A/D converter 0, input 2.
I/O
I2SRX_SDA — Receive data. It is driven by the transmitter and read by
the receiver. Corresponds to the signal SD in the
I2S-bus specification.
O
TXD3 — Transmitter output for UART3.
P0[26]/AD0[3]/
AOUT/RXD3
12[2][3]
E1[2][3]
I/O
P0[26] — General purpose digital input/output pin.
I
AD0[3] — A/D converter 0, input 3.
O
AOUT — D/A converter output.
I
RXD3 — Receiver input for UART3.
P0[27]/SDA0
50[4]
T1[4]
I/O
P0[27] — General purpose digital input/output pin.
I/O
SDA0 — I2C0 data input/output. Open-drain output (for I2C-bus
compliance).
P0[28]/SCL0
48[4]
R3[4]
I/O
P0[28] — General purpose digital input/output pin.
I/O
SCL0 — I2C0 clock input/output. Open-drain output (for I2C-bus
compliance).
P0[29]/USB_D+1
61[5]
U4[5]
I/O
P0[29] — General purpose digital input/output pin.
I/O
USB_D+1 — USB port 1 bidirectional D+ line.
P0[30]/USB_D
−162[5]
R6[5]
I/O
P0[30] — General purpose digital input/output pin.
I/O
USB_D
−1 — USB port 1 bidirectional D− line.
P0[31]/USB_D+2
51[5]
T2[5]
I/O
P0[31] — General purpose digital input/output pin.
I/O
USB_D+2 — USB port 2 bidirectional D+ line.
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32 bit I/O port with individual direction controls for each
bit. The operation of port 1 pins depends upon the pin function selected
via the Pin Connect block.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com