Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 4Page - NXP Semiconductors LPC2460 Datasheet HTML 5Page - NXP Semiconductors LPC2460 Datasheet HTML 6Page - NXP Semiconductors LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors LPC2460 Datasheet HTML 10Page - NXP Semiconductors LPC2460 Datasheet HTML 11Page - NXP Semiconductors LPC2460 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
8 of 68
NXP Semiconductors
LPC2460
Fast communication chip
6.2 Pin description
13
P2[17]/RAS
14
P0[11]/RXD2/SCL2/
MAT3[1]
15
P4[4]/A4
16
P4[5]/A5
17
P4[20]/A20/
SDA2/SCK1
---
Row T
1
P0[27]/SDA0
2
P0[31]/USB_D+2
3
P3[26]/D26/
MAT0[1]/PWM1[3]
4
P2[26]/CKEOUT2/
MAT3[0]/MISO0
5VSSIO
6
P3[23]/D23/
CAP0[0]/PCAP1[0]
7
P0[14]/USB_HSTEN2/
USB_CONNECT2/
SSEL1
8
P2[20]/DYCS0
9
P1[24]/USB_RX_DM1/
PWM1[5]/MOSI0
10
P1[25]/USB_LS1/
USB_HSTEN1/MAT1[1]
11
P4[2]/A2
12
P1[27]/USB_INT1/
USB_OVRCR1/CAP0[1]
13
P1[28]/USB_SCL1/
PCAP1[0]/MAT0[0]
14
P0[1]/TD1/RXD3/SCL1
15
P0[10]/TXD2/SDA2/
MAT3[0]
16
P2[13]/EINT3/
MCIDAT3/I2STX_SDA
17
P2[11]/EINT1/
MCIDAT1/I2STX_CLK
---
Row U
1
USB_D
−2
2
P3[25]/D25/
MAT0[0]/PWM1[2]
3
P2[18]/CLKOUT0
4
P0[29]/USB_D+1
5
P2[23]/DYCS3/
CAP3[1]/SSEL0
6
P1[19]/USB_TX_E1/
USB_PPWR1/CAP1[1]
7
P1[20]/USB_TX_DP1/
PWM1[2]/SCK0
8
P1[22]/USB_RCV1/
USB_PWRD1/MAT1[0]
9
P4[0]/A0
10
P4[1]/A1
11
P2[21]/DYCS1
12
P2[22]/DYCS2/
CAP3[0]/SCK0
13
VDD(3V3)
14
P1[29]/USB_SDA1/
PCAP1[1]/MAT0[1]
15
P0[0]/RD1/TXD3/SDA1
16
P4[3]/A3
17
P4[16]/A16
-
-
-
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol
Table 4.
Pin description
Symbol
Pin
Ball
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each
bit. The operation of port 0 pins depends upon the pin function selected
via the Pin Connect block.
P0[0]/RD1/
TXD3/SDA1
94[1]
U15[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input.
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output (this is not an open-drain pin).
P0[1]/TD1/RXD3/
SCL1
96[1]
T14[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output.
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output (this is not an open-drain pin).
P0[2]/TXD0
202[1]
C4[1]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com