Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 2Page - NXP Semiconductors LPC2460 Datasheet HTML 3Page - NXP Semiconductors LPC2460 Datasheet HTML 4Page - NXP Semiconductors LPC2460 Datasheet HTML 5Page - NXP Semiconductors LPC2460 Datasheet HTML 6Page - NXP Semiconductors LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors LPC2460 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
6 of 68
NXP Semiconductors
LPC2460
Fast communication chip
17
P1[5]/ENET_TX_ER/
MCIPWR/PWM0[3]
---
Row B
1
P3[2]/D2
2
P3[10]/D10
3
P3[1]/D1
4
P3[0]/D0
5
P1[1]/ENET_TXD1
6
VSSIO
7
P4[30]/CS0
8
P4[24]/OE
9
P4[25]/WE
10
P4[29]/BLS3/
MAT2[1]/RXD3
11
P1[6]/ENET_TX_CLK/
MCIDAT0/PWM0[4]
12
P0[4]/I2SRX_CLK/RD2/
CAP2[0]
13
VDD(3V3)
14
P3[19]/D19/
PWM0[4]/DCD1
15
P4[14]/A14
16
P4[13]/A13
17
P2[0]/PWM1[1]/TXD1/
TRACECLK
---
Row C
1
P3[13]/D13
2
TDI
3
RTCK
4
P0[2]/TXD0
5
P3[9]/D9
6
P3[22]/D22/
PCAP0[0]/RI1
7
P1[8]/ENET_CRS_DV/E
NET_CRS
8
P1[10]/ENET_RXD1
9VDD(3V3)
10
P3[21]/D21/
PWM0[6]/DTR1
11
P4[28]/BLS2/
MAT2[0]/TXD3
12
P0[5]/I2SRX_WS/TD2/
CAP2[1]
13
P0[7]/I2STX_CLK/SCK1
/MAT2[1]
14
P0[9]/I2STX_SDA/
MOSI1/MAT2[3]
15
P3[18]/D18/
PWM0[3]/CTS1
16
P4[12]/A12
17
VDD(3V3)
---
Row D
1
TRST
2
P3[28]/D28/
CAP1[1]/PWM1[5]
3
TDO
4
P3[12]/D12
5
P3[11]/D11
6
P0[3]/RXD0
7
VDD(3V3)
8
P3[8]/D8
9
P1[2]/ENET_TXD2/
MCICLK/PWM0[1]
10
P1[16]/ENET_MDC
11
VDD(DCDC)(3V3)
12
VSSCORE
13
P0[6]/I2SRX_SDA/
SSEL1/MAT2[0]
14
P1[7]/ENET_COL/
MCIDAT1/PWM0[5]
15
P2[2]/PWM1[3]/
CTS1/PIPESTAT1
16
P1[13]/ENET_RX_DV
17
P2[4]/PWM1[5]/
DSR1/TRACESYNC
---
Row E
1
P0[26]/AD0[3]/
AOUT/RXD3
2
TCK
3
TMS
4
P3[3]/D3
14
P2[1]/PWM1[2]/RXD1/
PIPESTAT0
15
VSSIO
16
P2[3]/PWM1[4]/
DCD1/PIPESTAT2
17
P2[6]/PCAP1[0]/
RI1/TRACEPKT1
Row F
1
P0[25]/AD0[2]/
I2SRX_SDA/TXD3
2
P3[4]/D4
3
P3[29]/D29/
MAT1[0]/PWM1[6]
4
DBGEN
14
P4[11]/A11
15
P3[17]/D17/
PWM0[2]/RXD1
16
P2[5]/PWM1[6]/
DTR1/TRACEPKT0
17
P3[16]/D16/
PWM0[1]/TXD1
Row G
1
P3[5]/D5
2
P0[24]/AD0[1]/
I2SRX_WS/CAP3[1]
3VDD(3V3)
4VDDA
14
n.c.
15
P4[27]/BLS1
16
P2[7]/RD2/
RTS1/TRACEPKT2
17
P4[10]/A10
Table 3.
Pin allocation table …continued
Pin Symbol
Pin Symbol
Pin Symbol
Pin Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com