Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 55Page - NXP Semiconductors LPC2460 Datasheet HTML 56Page - NXP Semiconductors LPC2460 Datasheet HTML 57Page - NXP Semiconductors LPC2460 Datasheet HTML 58Page - NXP Semiconductors LPC2460 Datasheet HTML 59Page - NXP Semiconductors LPC2460 Datasheet HTML 60Page - NXP Semiconductors LPC2460 Datasheet HTML 61Page - NXP Semiconductors LPC2460 Datasheet HTML 62Page - NXP Semiconductors LPC2460 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
59 of 68
NXP Semiconductors
LPC2460
Fast communication chip
Fig 14. LPC2460 USB OTG port configuration: USB port 2 device, USB port 1 host
USB_UP_LED1
USB_D+1
USB_D
−1
USB_PWRD1
15 k
Ω
15 k
Ω
LPC24XX
USB-A
connector
USB-B
connector
33
Ω
33
Ω
33
Ω
33
Ω
002aad595
VDD
USB_UP_LED2
USB_CONNECT2
VDD
VDD
USB_OVRCR1
USB_PPWR1
LM3526-L
ENA
IN
5 V
FLAGA
OUTA
VDD
D+
D
−
D+
D
−
VBUS
USB_D+2
USB_D
−2
VBUS
VBUS
VSSIO,
VSSCORE
VSSIO,
VSSCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com