Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 18Page - NXP Semiconductors LPC2460 Datasheet HTML 19Page - NXP Semiconductors LPC2460 Datasheet HTML 20Page - NXP Semiconductors LPC2460 Datasheet HTML 21Page - NXP Semiconductors LPC2460 Datasheet HTML 22Page - NXP Semiconductors LPC2460 Datasheet HTML 23Page - NXP Semiconductors LPC2460 Datasheet HTML 24Page - NXP Semiconductors LPC2460 Datasheet HTML 25Page - NXP Semiconductors LPC2460 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
22 of 68
NXP Semiconductors
LPC2460
Fast communication chip
P4[28]/BLS2/
MAT2[0]/TXD3
170[1]
C11[1]
I/O
P4 [28] — General purpose digital input/output pin.
O
BLS2 — LOW active Byte Lane select signal 2.
O
MAT2[0] — Match output for Timer 2, channel 0.
O
TXD3 — Transmitter output for UART3.
P4[29]/BLS3/
MAT2[1]/RXD3
176[1]
B10[1]
I/O
P4[29] — General purpose digital input/output pin.
O
BLS3 — LOW active Byte Lane select signal 3.
O
MAT2[1] — Match output for Timer 2, channel 1.
I
RXD3 — Receiver input for UART3.
P4[30]/CS0
187[1]
B7[1]
I/O
P4[30] — General purpose digital input/output pin.
O
CS0 — LOW active Chip Select 0 signal.
P4[31]/CS1
193[1]
A4[1]
I/O
P4[31] — General purpose digital input/output pin.
O
CS1 — LOW active Chip Select 1 signal.
ALARM
37[8]
N1[8]
O
ALARM — RTC controlled output. This is a 1.8 V pin. It goes HIGH when
a RTC alarm is generated.
USB_D
−2
52
U1
I/O
USB_D
−2 — USB port 2 bidirectional D− line.
DBGEN
9[1]
F4[1]
I
DBGEN — JTAG interface control signal. Also used for boundary
scanning.
TDO
2[1]
D3[1]
O
TDO — Test data out for JTAG interface.
TDI
4[1]
C2[1]
I
TDI — Test data in for JTAG interface.
TMS
6[1]
E3[1]
I
TMS — Test Mode Select for JTAG interface.
TRST
8[1]
D1[1]
I
TRST — Test Reset for JTAG interface.
TCK
10[1]
E2[1]
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄6
of the CPU clock (CCLK) for the JTAG interface to operate.
RTCK
206[1]
C3[1]
I/O
RTCK — JTAG interface control signal.
Note: LOW on this pin while RESET is LOW enables ETM pins (P2[9:0])
to operate as Trace port after reset.
RSTOUT
29
K3
O
RSTOUT — This is a 3.3 V pin. LOW on this pin indicates LPC2460 being
in Reset state.
RESET
35[7]
M2[7]
I
external reset input: A LOW on this pin resets the device, causing I/O
ports and peripherals to take on their default states, and processor
execution to begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
44[8]
M4[8]
I
Input to the oscillator circuit and internal clock generator circuits.
XTAL2
46[8]
N4[8]
O
Output from the oscillator amplifier.
RTCX1
34[8]
K2[8]
I
Input to the RTC oscillator circuit.
RTCX2
36[8]
L2[8]
O
Output from the RTC oscillator circuit.
VSSIO
33, 63,
77, 93,
114,
133,
148,
169,
189,
200[9]
L3, T5,
R9,
P12,
N16,
H14,
E15,
A12,
B6, A2[9]
I
ground: 0 V reference for the digital I/O pins.
VSSCORE
32, 84,
172[9]
K4, P10,
D12[9]
I
ground: 0 V reference for the core.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com