Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors LPC2460 Datasheet HTML 10Page - NXP Semiconductors LPC2460 Datasheet HTML 11Page - NXP Semiconductors LPC2460 Datasheet HTML 12Page - NXP Semiconductors LPC2460 Datasheet HTML 13Page - NXP Semiconductors LPC2460 Datasheet HTML 14Page - NXP Semiconductors LPC2460 Datasheet HTML 15Page - NXP Semiconductors LPC2460 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
12 of 68
NXP Semiconductors
LPC2460
Fast communication chip
P1[0]/
ENET_TXD0
196[1]
A3[1]
I/O
P1[0] — General purpose digital input/output pin.
O
ENET_TXD0 — Ethernet transmit data 0 (RMII/MII interface).
P1[1]/
ENET_TXD1
194[1]
B5[1]
I/O
P1[1] — General purpose digital input/output pin.
O
ENET_TXD1 — Ethernet transmit data 1 (RMII/MII interface).
P1[2]/
ENET_TXD2/
MCICLK/
PWM0[1]
185[1]
D9[1]
I/O
P1[2] — General purpose digital input/output pin.
O
ENET_TXD2 — Ethernet transmit data 2 (MII interface).
O
MCICLK — Clock output line for SD/MMC interface.
O
PWM0[1] — Pulse Width Modulator 0, output 1.
P1[3]/
ENET_TXD3/
MCICMD/
PWM0[2]
177[1]
A10[1]
I/O
P1[3] — General purpose digital input/output pin.
O
ENET_TXD3 — Ethernet transmit data 3 (MII interface).
I/O
MCICMD — Command line for SD/MMC interface.
O
PWM0[2] — Pulse Width Modulator 0, output 2.
P1[4]/
ENET_TX_EN
192[1]
A5[1]
I/O
P1[4] — General purpose digital input/output pin.
O
ENET_TX_EN — Ethernet transmit data enable (RMII/MII interface).
P1[5]/
ENET_TX_ER/
MCIPWR/
PWM0[3]
156[1]
A17[1]
I/O
P1[5] — General purpose digital input/output pin.
O
ENET_TX_ER — Ethernet Transmit Error (MII interface).
O
MCIPWR — Power Supply Enable for external SD/MMC power supply.
O
PWM0[3] — Pulse Width Modulator 0, output 3.
P1[6]/
ENET_TX_CLK/
MCIDAT0/
PWM0[4]
171[1]
B11[1]
I/O
P1[6] — General purpose digital input/output pin.
I
ENET_TX_CLK — Ethernet Transmit Clock (MII interface).
I/O
MCIDAT0 — Data line 0 for SD/MMC interface.
O
PWM0[4] — Pulse Width Modulator 0, output 4.
P1[7]/
ENET_COL/
MCIDAT1/
PWM0[5]
153[1]
D14[1]
I/O
P1[7] — General purpose digital input/output pin.
I
ENET_COL — Ethernet Collision detect (MII interface).
I/O
MCIDAT1 — Data line 1 for SD/MMC interface.
O
PWM0[5] — Pulse Width Modulator 0, output 5.
P1[8]/
ENET_CRS_DV/
ENET_CRS
190[1]
C7[1]
I/O
P1[8] — General purpose digital input/output pin.
I
ENET_CRS_DV/ENET_CRS — Ethernet Carrier Sense/Data Valid (RMII
interface)/ Ethernet Carrier Sense (MII interface).
P1[9]/
ENET_RXD0
188[1]
A6[1]
I/O
P1[9] — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data 0 (RMII/MII interface).
P1[10]/
ENET_RXD1
186[1]
C8[1]
I/O
P1[10] — General purpose digital input/output pin.
I
ENET_RXD1 — Ethernet receive data 1 (RMII/MII interface).
P1[11]/
ENET_RXD2/
MCIDAT2/
PWM0[6]
163[1]
A14[1]
I/O
P1[11] — General purpose digital input/output pin.
I
ENET_RXD2 — Ethernet Receive Data 2 (MII interface).
I/O
MCIDAT2 — Data line 2 for SD/MMC interface.
O
PWM0[6] — Pulse Width Modulator 0, output 6.
P1[12]/
ENET_RXD3/
MCIDAT3/
PCAP0[0]
157[1]
A16[1]
I/O
P1[12] — General purpose digital input/output pin.
I
ENET_RXD3 — Ethernet Receive Data (MII interface).
I/O
MCIDAT3 — Data line 3 for SD/MMC interface.
I
PCAP0[0] — Capture input for PWM0, channel 0.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com