Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2460 Datasheet HTML 1Page - NXP Semiconductors LPC2460 Datasheet HTML 2Page - NXP Semiconductors LPC2460 Datasheet HTML 3Page - NXP Semiconductors LPC2460 Datasheet HTML 4Page - NXP Semiconductors LPC2460 Datasheet HTML 5Page - NXP Semiconductors LPC2460 Datasheet HTML 6Page - NXP Semiconductors LPC2460 Datasheet HTML 7Page - NXP Semiconductors LPC2460 Datasheet HTML 8Page - NXP Semiconductors LPC2460 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1.
General description
NXP Semiconductors designed the LPC2460 microcontroller around a 16-bit/32-bit
ARM7TDMI-S CPU core with real-time debug interfaces that include both JTAG and
embedded trace. The LPC2460 is flashless. The LPC2460 can execute both 32-bit ARM
and 16-bit Thumb instructions. Support for the two instruction sets means engineers can
choose to optimize their application for either performance or code size at the sub-routine
level. When the core executes instructions in Thumb state it can reduce code size by more
than 30 % with only a small loss in performance while executing instructions in ARM state
maximizes core performance.
The LPC2460 microcontroller is ideal for multi-purpose communication applications. It
incorporates a 10/100 Ethernet Media Access Controller (MAC), a USB full-speed
Device/Host/OTG Controller with 4 kB of endpoint RAM, four UARTs, two Controller Area
Network (CAN) channels, an SPI interface, two Synchronous Serial Ports (SSP), three I2C
interfaces, and an I2S interface. Supporting this collection of serial communications
interfaces are the following feature components; an on-chip 4 MHz internal precision
oscillator, 98 kB of total RAM consisting of 64 kB of local SRAM, 16 kB SRAM for
Ethernet, 16 kB SRAM for general purpose DMA, 2 kB of battery powered SRAM, and an
External Memory Controller (EMC). These features make this device optimally suited for
communication gateways and protocol converters. Complementing the many serial
communication controllers, versatile clocking capabilities, and memory features are
various 32-bit timers, an improved 10-bit ADC, 10-bit DAC, two PWM units, four external
interrupt pins, and up to 160 fast GPIO lines. The LPC2460 connects 64 of the GPIO pins
to the hardware based Vector Interrupt Controller (VIC) that means these external inputs
can generate edge-triggered interrupts. All of these features make the LPC2460
particularly suitable for industrial control and medical systems.
2.
Features
I ARM7TDMI-S processor, running at up to 72 MHz.
I 98 kB on-chip SRAM includes:
N 64 kB of SRAM on the ARM local bus for high performance CPU access.
N 16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
N 16 kB SRAM for general purpose DMA use also accessible by the USB.
N 2 kB SRAM data storage powered from the Real-Time Clock (RTC) power domain.
I Dual Advanced High-performance Bus (AHB) system allows simultaneous Ethernet
DMA, and USB DMA with no contention.
I EMC provides support for asynchronous static memory devices such as RAM, ROM
and flash, as well as dynamic memories such as Single Data Rate SDRAM.
I Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
LPC2460
Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0
device/host/OTG, external memory interface
Rev. 02 — 1 February 2008
Preliminary data sheet


Similar Part No. - LPC2460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2460 NXP-LPC2460 Datasheet
1Mb / 78P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2460 NXP-LPC2460 Datasheet
1Mb / 79P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2460 NXP-LPC2460 Datasheet
505Kb / 86P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2460 NXP-LPC2460 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
More results

Similar Description - LPC2460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2468 NXP-LPC2468_08 Datasheet
1Mb / 72P
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-17 October 2008
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2470 NXP-LPC2470 Datasheet
2Mb / 83P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 02-15 October 2009
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com