Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 21Page - NXP Semiconductors LPC2460 Datasheet HTML 22Page - NXP Semiconductors LPC2460 Datasheet HTML 23Page - NXP Semiconductors LPC2460 Datasheet HTML 24Page - NXP Semiconductors LPC2460 Datasheet HTML 25Page - NXP Semiconductors LPC2460 Datasheet HTML 26Page - NXP Semiconductors LPC2460 Datasheet HTML 27Page - NXP Semiconductors LPC2460 Datasheet HTML 28Page - NXP Semiconductors LPC2460 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
25 of 68
NXP Semiconductors
LPC2460
Fast communication chip
The Thumb set’s 16-bit instruction length allows it to approach higher density compared to
standard ARM code while retaining most of the ARM’s performance.
7.2 On-chip SRAM
The LPC2460 includes a SRAM memory of 64 kB reserved for the ARM processor
exclusive use. This RAM may be used for code and/or data storage and may be accessed
as 8 bits, 16 bits, and 32 bits.
A 16 kB SRAM block serving as a buffer for the Ethernet controller and a 16 kB SRAM
associated with the second AHB can be used both for data and code storage, too. The
2 kB RTC SRAM can be used for data storage only. The RTC SRAM is battery powered
and retains the content in the absence of the main power supply.
7.3 Memory map
The LPC2460 memory map incorporates several distinct regions as shown in Table 5 and
Figure 4.
In addition, the CPU interrupt vectors may be remapped to allow them to reside in boot
ROM or SRAM (see Section 7.25.6).
Table 5.
LPC2460 memory usage and details
Address range General use
Address range details and description
0x0000 0000 to
0x3FFF FFFF
fast I/O
0x3FFF C000 to 0x3FFF FFFF
fast GPIO registers
0x4000 0000 to
0x7FFF FFFF
on-chip RAM
0x4000 0000 to 0x4000 FFFF
RAM (64 kB)
0x7FE0 0000 to 0x7FE0 3FFF
ethernet RAM (16 kB)
0x7FD0 0000 to 0x7FD0 3FFF
USB RAM (16 kB)
0x8000 0000 to
0xDFFF FFFF
off-chip memory
Four static memory banks, 16 MB each
0x8000 0000 to 0x80FF FFFF
static memory bank 0
0x8100 0000 to 0x81FF FFFF
static memory bank 1
0x8200 0000 to 0x82FF FFFF
static memory bank 2
0x8300 0000 to 0x83FF FFFF
static memory bank 3
Four dynamic memory banks, 256 MB each
0xA000 0000 to 0xAFFF FFFF
dynamic memory bank 0
0xB000 0000 to 0xBFFF FFFF
dynamic memory bank 1
0xC000 0000 to 0xCFFF FFFF
dynamic memory bank 2
0xD000 0000 to 0xDFFF FFFF
dynamic memory bank 3
0xE000 0000 to
0xEFFF FFFF
APB peripherals
36 peripheral blocks, 16 kB each
0xF000 0000 to
0xFFFF FFFF
AHB peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com