Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 29Page - NXP Semiconductors LPC2460 Datasheet HTML 30Page - NXP Semiconductors LPC2460 Datasheet HTML 31Page - NXP Semiconductors LPC2460 Datasheet HTML 32Page - NXP Semiconductors LPC2460 Datasheet HTML 33Page - NXP Semiconductors LPC2460 Datasheet HTML 34Page - NXP Semiconductors LPC2460 Datasheet HTML 35Page - NXP Semiconductors LPC2460 Datasheet HTML 36Page - NXP Semiconductors LPC2460 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
33 of 68
NXP Semiconductors
LPC2460
Fast communication chip
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard Identifiers.
• Full CAN messages can generate interrupts.
7.12 10-bit ADC
The LPC2460 contains one ADC. It is a single 10-bit successive approximation ADC with
eight channels.
7.12.1 Features
• 10-bit successive approximation ADC
• Input multiplexing among 8 pins
• Power-down mode
• Measurement range 0 V to Vi(VREF)
• 10-bit conversion time
≥ 2.44 µs
• Burst conversion mode for single or multiple inputs
• Optional conversion on transition of input pin or Timer Match signal
• Individual result registers for each ADC channel to reduce interrupt overhead
7.13 10-bit DAC
The DAC allows the LPC2460 to generate a variable analog output. The maximum output
value of the DAC is Vi(VREF).
7.13.1 Features
• 10-bit DAC
• Resistor string architecture
• Buffered output
• Power-down mode
• Selectable output drive
7.14 UARTs
The LPC2460 contains four UARTs. In addition to standard transmit and receive data
lines, UART1 also provides a full modem control handshake interface.
The UARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.14.1 Features
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com