Electronic Components Datasheet Search
  English  ▼

X  

LPC2460 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LPC2460
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2460 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LPC2460 Datasheet HTML 59Page - NXP Semiconductors LPC2460 Datasheet HTML 60Page - NXP Semiconductors LPC2460 Datasheet HTML 61Page - NXP Semiconductors LPC2460 Datasheet HTML 62Page - NXP Semiconductors LPC2460 Datasheet HTML 63Page - NXP Semiconductors LPC2460 Datasheet HTML 64Page - NXP Semiconductors LPC2460 Datasheet HTML 65Page - NXP Semiconductors LPC2460 Datasheet HTML 66Page - NXP Semiconductors LPC2460 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
LPC2460_2
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 02 — 1 February 2008
63 of 68
NXP Semiconductors
LPC2460
Fast communication chip
Fig 19. Package outline SOT950-1 (TFBGA208)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT950-1
- - -
SOT950-1
06-06-01
06-06-14
UNIT
A
max
mm
1.2
0.4
0.3
0.8
0.6
15.1
14.9
15.1
14.9
0.8
12.8
0.15
0.08
0.1
A1
DIMENSIONS (mm are the original dimensions)
TFBGA208: plastic thin fine-pitch ball grid array package; 208 balls; body 15 x 15 x 0.7 mm
0
5
10 mm
scale
A2
b
0.5
0.4
D
E
e
e1
e2
12.8
v
w
y
0.12
y1
C
y
C
y1
X
b
ball A1
index area
e2
e1
e
e
A
C
B
∅ v M
C
∅ w M
A
B
C
D
E
F
H
K
G
L
J
M
N
P
R
U
T
2468
10
12
14
16
13579
11
13
15
17
ball A1
index area
B
A
D
E
detail X
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com