Electronic Components Datasheet Search
  English  ▼

X  

OPA340 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPA340
Description  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA340 Datasheet HTML 11Page - Texas Instruments OPA340 Datasheet HTML 12Page - Texas Instruments OPA340 Datasheet HTML 13Page - Texas Instruments OPA340 Datasheet HTML 14Page - Texas Instruments OPA340 Datasheet HTML 15Page - Texas Instruments OPA340 Datasheet HTML 16Page - Texas Instruments OPA340 Datasheet HTML 17Page - Texas Instruments OPA340 Datasheet HTML 18Page - Texas Instruments OPA340 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
243kW
10MW
10MW
1.74MW
220pF
47pF
200pF
1/2
OPA2340
+5V
V
IN
R
L
1/2
OPA2340
Filters 160Hz to 2.4kHz
Copyright © 2016, Texas Instruments Incorporated
ADS7816
12-Bit A/D
DCLOCK
D
OUT
OPA340
+5V
V
IN
V+
2
+In
3
-In
V
REF
8
4
GND
Serial
Interface
1
0.1 F
m
0.1 F
m
7
6
5
NOTE: A/D Input = 0 to V
REF
5kW
5kW
330pF
V
= 0V to 5V for 0V to 5V output.
-
IN
CS/SHDN
Copyright © 2016, Texas Instruments Incorporated
15
OPA340, OPA2340, OPA4340
www.ti.com
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
Product Folder Links: OPA340 OPA2340 OPA4340
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 27. OPA340 in Inverting Configuration Driving ADS7816
Figure 28. Speech Bandpass Filter
7.4 Device Functional Modes
The OPAx340 has a single functional mode and is operational when the power-supply voltage is greater than
2.7 V (±1.35 V). The maximum power supply voltage for the OPAx340 is 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com